Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM100S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30SM100S
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM100S Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30SM100S Datasheet HTML 1Page - STMicroelectronics STPS30SM100S Datasheet HTML 2Page - STMicroelectronics STPS30SM100S Datasheet HTML 3Page - STMicroelectronics STPS30SM100S Datasheet HTML 4Page - STMicroelectronics STPS30SM100S Datasheet HTML 5Page - STMicroelectronics STPS30SM100S Datasheet HTML 6Page - STMicroelectronics STPS30SM100S Datasheet HTML 7Page - STMicroelectronics STPS30SM100S Datasheet HTML 8Page - STMicroelectronics STPS30SM100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2011
Doc ID 15517 Rev 4
1/11
11
STPS30SM100S
Power Schottky rectifier
Features
■ High current capability
■ Avalanche rated
■ Low forward voltage drop current
■ High frequency operation
■ Insulated package:
– Insulation voltage 2000 V rms
– Package capacitance = 12 pF
Description
This single Schottky rectifier is suited for high
frequency switch mode power supply.
Packaged in TO-220AB, TO-220AB narrow leads,
TO-220FPAB, D2PAK and I2PAK, this device is
intended to be used in notebook, game station
and desktop adaptors, providing in these
applications a good efficiency at both low and
high load.
Figure 1.
Electrical characteristics (a)
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 13. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
Table 1.
Device summary
IF(AV)
30 A
VRRM
100 V
Tj (max)
150 °C
VF(typ)
0.420 V
A(1)
K(2)
A(3)
TO-220AB
STPS30SM100ST
A
A
K
K
A
A
K
A
A
K
I2PAK
STPS30SM100SR
TO-220FPAB
STPS30SM100SFP
A
A
K
D2PAK
STPS30SM100SG-TR
TO-220AB narrow leads
STPS30SM100STN
A
A
K
K
www.st.com


Similar Part No. - STPS30SM100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
157Kb / 11P
Power Schottky rectifier
15-Sep-2011
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPS30SM100SG-TR STMICROELECTRONICS-STPS30SM100SG-TR Datasheet
157Kb / 11P
Power Schottky rectifier
15-Sep-2011
STPS30SM100SG-TR STMICROELECTRONICS-STPS30SM100SG-TR Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPS30SM100SR STMICROELECTRONICS-STPS30SM100SR Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results

Similar Description - STPS30SM100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com