Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM100S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30SM100S
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM100S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30SM100S Datasheet HTML 1Page - STMicroelectronics STPS30SM100S Datasheet HTML 2Page - STMicroelectronics STPS30SM100S Datasheet HTML 3Page - STMicroelectronics STPS30SM100S Datasheet HTML 4Page - STMicroelectronics STPS30SM100S Datasheet HTML 5Page - STMicroelectronics STPS30SM100S Datasheet HTML 6Page - STMicroelectronics STPS30SM100S Datasheet HTML 7Page - STMicroelectronics STPS30SM100S Datasheet HTML 8Page - STMicroelectronics STPS30SM100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS30SM100S
4/11
Doc ID 15517 Rev 4
Figure 8.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 9.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
T
δ=tp/T
tp
Zth(j-c)/Rth(j-c)
tp(s)
TO-220AB, TO-220AB narrow leads, I2PAK, D2PAK
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
T
δ=tp/T
tp
TO-220FPAB
Zth(j-c)/Rth(j-c)
tp(s)
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Forward voltage drop versus
forward current (terminals 1 and 3
short circuited)
Figure 13.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
30
40506070
8090
100
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
IR(mA)
VR(V)
100
1000
10000
1
10
100
F=1MHz
VOSC=30mVRMS
Tj=25°C
VR(V)
C(pF)
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
V
(V)
FM
IFM(A)
Iarm (A)
45
43
47
49
51
53
55
57
59
61
63
65
100
110
120
130
140
150
Forbidden area
Varm (V)
Operating area



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com