Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF06-MSD04F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EMIF06-MSD04F3
Description  6-line low capacitance IPAD??for micro-SD card with EMI filtering and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD04F3 Datasheet(HTML) 8 Page - STMicroelectronics

  EMIF06-MSD04F3_11 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
EMIF06-MSD04F3
8/9
Doc ID 018849 Rev 1
Figure 15.
Tape and reel specification
5
Ordering information
Note:
More information is available in the application notes:
AN2348: “Flip Chip: Package description and recommendations for use”
AN1751: "EMI Filters: Recommendations and measurements"
6
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensionsare typical values in mm
4.0
4.0
2.0
Ø 1.55
0.69
1.65
0.20
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-MSD04F3
JW
Flip Chip
3.2 mg
5000
Tape and reel 7”
Table 5.
Document revision history
Date
Revision
Changes
12-July-2011
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com