Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF06-MSD04F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-MSD04F3
Description  6-line low capacitance IPAD??for micro-SD card with EMI filtering and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD04F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-MSD04F3_11 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMIF06-MSD04F3
Characteristics
Doc ID 018849 Rev 1
3/9
Table 3.
Electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
14
16
V
IRM
Leakage current at VRM
VRM = 3 V
0.1
µA
R1, R2, R3,
R4, R5, R6
Serial resistance
Tolerance ±10 %, matching ±2 %
36
40
44
Ω
R7, R8, R9,
R10, R11
Pull-up resistance
Tolerance ±20 %, matching ±2 %
20
25
30
k
Ω
Cline
Data line capacitance
V = 1.8 V, F = 10 MHz, VOSC = 30 mV
7.5
10
pF
V = 2.9 V, F = 10 MHz, VOSC = 30 mV
9
F0
Cut-off frequency
S21 = -3 dB
550
MHz
tR,tF
Rise and fall time
Cload = 10 pF, low-ref = 0.58 V,
high-ref = 1.27 V
0.98
ns
Figure 3.
S21 attenuation measurements
Figure 4.
Analog crosstalk measurements
100k
1M
10M
100M
1G
-30
-25
-20
-15
-10
-5
0
Clk
Dat0
Dat1
Dat2
Dat3
Cmd
F (Hz)
S21 (dB)
100k
1M
10M
100M
1G
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Clk-Dat0
Dat3-SDDat0
F (Hz)
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com