Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI1K Datasheet(PDF) 62 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 58Page - STMicroelectronics LRI1K Datasheet HTML 59Page - STMicroelectronics LRI1K Datasheet HTML 60Page - STMicroelectronics LRI1K Datasheet HTML 61Page - STMicroelectronics LRI1K Datasheet HTML 62Page - STMicroelectronics LRI1K Datasheet HTML 63Page - STMicroelectronics LRI1K Datasheet HTML 64Page - STMicroelectronics LRI1K Datasheet HTML 65Page - STMicroelectronics LRI1K Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
Commands codes
LRI1K
62/86
Doc ID 17170 Rev 3
20.13
Get System Info
When receiving the Get System Info command, the LRI1K sends back its information data in
the response.The Option_flag is supported and must be reset to 0. The Get System Info can
be issued in both Addressed and Non Addressed modes.
Request parameter:
UID (Optional)
Response parameters:
Information Flags set to 0Fh. DSFID, AFI, Memory Size and IC reference fields are
present.
UID code on 64 bits
DSFID value
AFI value
memory size. The LRI1K provides 32 blocks (1Fh) of 4 bytes (03h).
IC Reference. Only the 6 MSBs are significant. The product code of the LRI1K is
01 0000b=16d
Response parameter:
Error code as Error_flag is set:
03h: Option not supported
0Fh: other error
Table 56.
Get System Info request format
Request SOF
Request_
flags
Get System
Info
UID
CRC16
Request EOF
8 bits
2Bh
64 bits
16 bits
Table 57.
Get System Info response format when Error_flag is NOT set
Response
SOF
Response_
flags
Information
flags
UID
DSFID AFI
Memory
size
IC
reference
CRC16
Response
EOF
00h
0Fh
64 bits 8 bits 8 bits 031Fh 010000xxb 16 bits
Table 58.
Get System Info response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
01h
8 bits
16 bits
Figure 51.
Get System Info frame exchange between VCD and LRI1K
VCD
SOF
Get System
Info request
EOF
LRI1K
<-t1-> SOF
Get System Info
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com