Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI1K Datasheet(PDF) 10 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 6Page - STMicroelectronics LRI1K Datasheet HTML 7Page - STMicroelectronics LRI1K Datasheet HTML 8Page - STMicroelectronics LRI1K Datasheet HTML 9Page - STMicroelectronics LRI1K Datasheet HTML 10Page - STMicroelectronics LRI1K Datasheet HTML 11Page - STMicroelectronics LRI1K Datasheet HTML 12Page - STMicroelectronics LRI1K Datasheet HTML 13Page - STMicroelectronics LRI1K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
Description
LRI1K
10/86
Doc ID 17170 Rev 3
1
Description
The LRI1K is a contactless memory powered by the received carrier electromagnetic wave.
It is a 1024-bit electrically erasable programmable memory (EEPROM). The memory is
organized as 32 blocks of 32 bits. The LRI1K is accessed via the 13.56 MHz carrier
electromagnetic wave on which incoming data are demodulated from the received signal
amplitude modulation (ASK: amplitude shift keying). The received ASK wave is 10% or
100% modulated with a data rate of 1.6 Kbit/s using the 1/256 pulse coding mode or a data
rate of 26 Kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the LRI1K load variation using Manchester coding with one
or two subcarrier frequencies at 423 kHz and 484 kHz. Data are transferred from the LRI1K
at 6.6 Kbit/s in low data rate mode and 26 Kbit/s fast data rate mode. The LRI1K supports
53 Kbit/s in high data rate mode with one subcarrier frequency at 423 kHz.
The LRI1K follows the ISO 15693 recommendation for radio-frequency power and signal
interface.
Figure 1.
Pad connections
Table 1.
Signal names
Signal name
Function
AC1
Antenna coil
AC0
Antenna coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com