Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5189 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5189
Description  Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5189 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5189 Datasheet HTML 1Page - STMicroelectronics STI5189 Datasheet HTML 2Page - STMicroelectronics STI5189 Datasheet HTML 3Page - STMicroelectronics STI5189 Datasheet HTML 4Page - STMicroelectronics STI5189 Datasheet HTML 5Page - STMicroelectronics STI5189 Datasheet HTML 6Page - STMicroelectronics STI5189 Datasheet HTML 7Page - STMicroelectronics STI5189 Datasheet HTML 8Page - STMicroelectronics STI5189 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 15458 Rev 3
1/9
9
STi5189
Low-cost QPSK demodulator and MPEG2 decoder
for set-top box applications
Features
■
DVB-S compliant
■
QPSK demodulation and DiSEqC
™ controller
■
MPEG2 MP@ML video decoding
■
Audio decoding (MPEG1, 2, MP3, Dolby Digital
5.1)
■
Linux and OS21 compatible ST40 applications
CPU (350 MHz)
■
16-bit SDR/DDR1 compatible local memory
interface
■
Multi-stream, DVR capable, transport stream
processing
■
Extensive connectivity (USB 2.0 host/ULPI,
Ethernet MAC MII/RMII, DVB-CI)
■
External memory interface supporting NOR,
NAND and serial Flash
■
Advanced security features, compatible with
the latest CA requirements
■
Satellite STBs can be produced with very small
BOM and two-layer PCBs
■
Active and passive low power modes
■
Integrated voltage regulator
■
Two package options: PBGA 23x23
and LFBGA 15x15
Description
The STi5189 integrates in a single IC, QPSK
demodulation, FEC, Multi-stream transport
demultiplexing, an applications CPU, audio/video
decode, video processing, graphics and display,
advanced security, STB peripherals, audio/video
DACs, digital audio/video outputs, USB 2.0 host
controller/ULPI and an Ethernet MAC MII/RMII
interface.
JTAG
STB peripherals I/O
Digital video SD in/out
Resets
Analog out
Clocks
Modes
PCM I/O
S/PDIF out
External interrupts
Clock Gen
System serv
Peripherals
SSC
UART
GPIO
PWM
Infrared
Smartcard
Connectivity
Transport
Security
PTI
TS merger
LCMPEG
Video planes
Graphic planes
Cursor plane
Main VDP
Deinterlacer
Capture
DVOs
Denc
Teletext
DACs
VTG
Analog video SD out
Audio I/O
Display
Video I/O
Transport streams
Parallel/serial in/out
Audio decoder
Video decoder
EMI
SPI
LMI
System
interfaces
Aux VDP
CPU/FPU
MMU
Interrupts
I cache
D cache
Timer
ST40 350MHz
Debug
STBus
PCM players
S/PDIF player
DACs
FDMA
Blitter display
Flash, SFlash
NOR, NAND
USB
Ethernet
Demodulator
DVB-S
IQ in
Transport
streams
SDRAM/DDR
Serial Flash
Memory
ILC
www.st.com


Similar Part No. - STI5189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5188 STMICROELECTRONICS-STI5188 Datasheet
53Kb / 5P
Low-cost free-to-air satellite set-top box decoder
05-Mar-2008
More results

Similar Description - STI5189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
QAMI5107 STMICROELECTRONICS-QAMI5107 Datasheet
93Kb / 6P
Low-cost QAM demodulator and MPEG2 decoder SOC for set-top boxes
20-Dec-2006
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
logo
STMicroelectronics
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
23-Mar-2010
STI5289 STMICROELECTRONICS-STI5289 Datasheet
93Kb / 4P
QPSK demodulator and advanced SD decoder SoC for set-top boxes
10-Jan-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com