Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5189 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI5189
Description  Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5189 Datasheet(HTML) 4 Page - STMicroelectronics

  STI5189 Datasheet HTML 1Page - STMicroelectronics STI5189 Datasheet HTML 2Page - STMicroelectronics STI5189 Datasheet HTML 3Page - STMicroelectronics STI5189 Datasheet HTML 4Page - STMicroelectronics STI5189 Datasheet HTML 5Page - STMicroelectronics STI5189 Datasheet HTML 6Page - STMicroelectronics STI5189 Datasheet HTML 7Page - STMicroelectronics STI5189 Datasheet HTML 8Page - STMicroelectronics STI5189 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Introduction
STi5189
4/9
Doc ID 15458 Rev 3
–
Multi-plane video/graphics composition with alpha blending, typical four-plane use
case (background color + still plane + video plane + OSD plane), and integrated
Tile RAM bandwidth saver for enhanced performance
–
High quality horizontal and vertical reformatting and resizing, with sample rate
conversion/filtering for video and graphics
–
8 bpp CLUT and 16 bpp true color graphics formats supported
–
Advanced anti-flicker filtering
–
De-interlacing SD to 480p/576p for HDMI output
●
Display output
–
PAL/NTSC/SECAM encoder
–
Encoding of CGMS, Teletext, WSS, VPS, Closed Caption
–
MacrovisionTM 7.1D copy protection
–
Four 10-bit video DACs, outputting RGB/CVBS/YC analog video signals
–
High drive-capability on one of the video DACs for CVBS output without buffering
–
8-bit digital video output (DVO), compliant with ITU-R BT 601/656 formats
–
54 MHz output data rate on DVO supporting 480p/576p output over 8 bits
●
DVR capable transport sub-system
–
TS reception from internal QPSK demodulator
–
External TS interface for a second stream input from external tuner/demodulator
–
Dual internal TS from memory for network/IP stream input and DVR playback
–
TS output for routing to DVB-CI module
–
DVB-compliant, triple-stream transport de-multiplexing
●
DVB, DES, Multi2 descrambling
●
DVR supported with HDD attachment via EIDE (PIO mode) or USB 2.0
●
Multi-channel flexible DMA Controller
●
Connectivity
–
10/100 Ethernet MAC with MII/RMII interface to external PHY
–
USB 2.0 Host Controller with ULPI interface to external PHY
●
On-chip STB Peripherals
–
Two Smartcard Interfaces with integrated clock generation
–
Four UARTs with Tx and Rx FIFOs
–
Three SSCs for I²C/SPI master/slave interfaces, one of which can be dedicated for
tuner control with minimum tuner disturbance
–
Five 8-bit GPIO banks with alternate functions
–
Infrared transmitter/receiver
–PWM
–
CEC line controller
●
System services
–
All clocks generated from a single external crystal
–
Integrated DCO for clock recovery
–
Low power/RTC/watchdog controller
–
JTAG/TAP interface
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com