Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5205 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5205
Description  High-performance advanced SD decoder for set-top box
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5205 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5205 Datasheet HTML 1Page - STMicroelectronics STI5205 Datasheet HTML 2Page - STMicroelectronics STI5205 Datasheet HTML 3Page - STMicroelectronics STI5205 Datasheet HTML 4Page - STMicroelectronics STI5205 Datasheet HTML 5Page - STMicroelectronics STI5205 Datasheet HTML 6Page - STMicroelectronics STI5205 Datasheet HTML 7Page - STMicroelectronics STI5205 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/8
8
STi5205
High-performance advanced SD decoder for set-top box
Features
■ Advanced standard definition video decoding
(H264/VC-1/MPEG2/AVS)
■ Linux®, Windows® CE and OS21 compatible
ST40 applications CPU (450 MHz)
■ Multi-stream, DVR capable transport stream
processing
■ Advance security and DRM support including
SVP, MS-DRM and DTCP-IP.
Description
The STi5205 is a high-performance, fully featured
Standard Definition (SD) advanced decoding
set-top box SoC (system-on-chip).
It is suitable for STB markets across all networks
(cable/satellite/DTT/x-DSL/IP) worldwide. The
STi5205 provides a high-performance solution for
a wide range of STBs that need just SD decoding
and SD display capabilities including low-cost
zappers, IP clients, interactive STBs and DVR
capable STBs.
CP
ST40-300 core 450 MHz
UDI
32 K I cache
MMU
32 K D cache
LMI
DEI
S/PDIF
2-ch
PCM in
Digital
video in
DENC
4x
SSC/I2C
4x
UARTs
ILC
2x I/F
SmCard
GPIOs
PWM
MAFE
interface
IR Tx/Rx
UHF Rx
STBus
Main video
display
Audio L/R
TSmerger/router
Main/aux Display
compositor and
Bdisp
blitter
6DACs
Output
Analog video
output
TMDS
USB
out
Clock gen
and
6-ch
PCM out
Peripheral I/O
and external interrupts
TS
TS
TSIN1/
system
services
Aux video
display
Audio decoder
interfaces
Audio
DACs
DeltaMu
2.0
16
DDR1
ST231
ST231
core
Ethernet,
MAC
MII/RMII
EMI
EMPI
TMUs/INTC
CPU/FPU core
USB
2.0
NSK
DUAL
FDMA
Key
Scan
out
Resets/
clocks/
modes
IN2
IN0
TSOUT0
DVP
Dual
PTI 4SL2
2
2
PDES
Sec
Video decoder
Advanced
TXT
PCI
eSATA
HDMI
VTGs
pass through
stage
capture
FLASH
NOR/NAND
SFLASH
JTAG
players and
Comms
3
SWTS
Dual
USB 2.0
hosts
SPI
Serial
FLASH
SDRAM
DDR2
TS
IN3
System
DAA
side
Line side
DAA
www.st.com


Similar Part No. - STI5205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
More results

Similar Description - STI5205

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STI5300 STMICROELECTRONICS-STI5300 Datasheet
86Kb / 3P
High-performance set-top box decoder
September 2005 Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
logo
fujitsu semiconductor
MB86H01 FUJITSU-MB86H01 Datasheet
140Kb / 2P
SD Multi-Standard Decoder for Set-Top-Box and iDTV
logo
STMicroelectronics
STI5105 STMICROELECTRONICS-STI5105_08 Datasheet
76Kb / 5P
High-performance advanced SD decoder for set-top box
Nov-2008
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
23-Mar-2010
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
STI5289 STMICROELECTRONICS-STI5289 Datasheet
93Kb / 4P
QPSK demodulator and advanced SD decoder SoC for set-top boxes
10-Jan-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com