Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5205 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI5205
Description  High-performance advanced SD decoder for set-top box
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5205 Datasheet(HTML) 3 Page - STMicroelectronics

  STI5205 Datasheet HTML 1Page - STMicroelectronics STI5205 Datasheet HTML 2Page - STMicroelectronics STI5205 Datasheet HTML 3Page - STMicroelectronics STI5205 Datasheet HTML 4Page - STMicroelectronics STI5205 Datasheet HTML 5Page - STMicroelectronics STI5205 Datasheet HTML 6Page - STMicroelectronics STI5205 Datasheet HTML 7Page - STMicroelectronics STI5205 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STi5205
Feature list
3/8
Dual DVB-CI+ (SD profile) modules supported
Multi-stream transport stream de-multiplexing, 400 Mbits/sec, quadruple tuner DVR
capable
DVB/DES/AES/Multi-2/ICAM descrambling
Dual USB 2.0 host interfaces both with PHY
eSATA interface
Integrated 10/100 Ethernet MAC/MII/RMII, Wake-on-LAN, 75 MHz (300 Mbits/sec)
capable
16-bit External Memory and Peripheral Interface (EMI) - up to five banks
Interfacing to, and boot from, NOR or NAND FLASHTM
Interfacing to, and boot from, serial FLASHTM
32-bit, 66 MHz, PCI interface, shared on EMI with access interleaving possible
MPX Interface/protocol for high speed, glue-less, communications with STv0498
DOCSIS Cable FE
DVR supported, with HDD attachment through eSATA, EIDE (PIO mode) or USB
Soft modem support: integrated MAFE: integrated system side DAA (Si-Labs)
Dual multi-channel Flexible DMA controllers
STB peripherals
Two smartcard interfaces, four UARTs, four SSC/I²C, GPIO banks with alternate
functions, IR Tx/Rx, UHF Rx/SCD, PWM, ILC, HDMI CEC, 4 x 4 key matrix
scanner
Advanced security, secure control words, code authentication, JTAG locking,
network/DVR copy protection, SVP, VGS, DTCP-IP, MS-DRM, MSTV
Package: PBGA 27 x 27mm, 620 balls, 7R32 x 32, pitch 0.8 mm, ball 0.5 mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com