Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5267 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5267
Description  Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5267 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5267 Datasheet HTML 1Page - STMicroelectronics STI5267 Datasheet HTML 2Page - STMicroelectronics STI5267 Datasheet HTML 3Page - STMicroelectronics STI5267 Datasheet HTML 4Page - STMicroelectronics STI5267 Datasheet HTML 5Page - STMicroelectronics STI5267 Datasheet HTML 6Page - STMicroelectronics STI5267 Datasheet HTML 7Page - STMicroelectronics STI5267 Datasheet HTML 8Page - STMicroelectronics STI5267 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2010
Doc ID 16950 Rev 1
1/9
9
STi5267
Advanced SD STB decoder
with integrated DVB-T/DVB-C demodulator
Features
■ Combined DVB-T/-C receiver
– Compatible with low to high IF tuners
– DVB-T demodulation
– DVB-C demodulation
– DVB-CI compliant output
– I²C serial bus interface
■ Advanced standard-definition video decoding
(H264/VC-1/MPEG2/AVS)
■ Advanced multi-channel audio decoding
(MPEG 1, 2, MP 3, DD/DD+, AAC/AAC+, and
WMA9/WMA9pro)
■ Linux, Windows CE, and OS21 compatible
ST40 applications CPU (450 MHz)
■ 16-bit DDR1/DDR2 compatible local memory
interface
■ Multi-stream, DVR capable transport stream
processing
■ Extensive connectivity (dual USB 2.0 hosts,
e-SATA (optional), Ethernet MAC/MII/RMII,
and PCI)
■ Advanced security and DRM support including
SVP, MS-DRM, and DTCP-IP
Description
The STi5267 uses state-of-the-art process
technology to provide a fully featured SD AVC,
DVB-C, and DVB-T demodulator/decoder IC.
It is a highly integrated system-on-chip, suitable
for STB markets across cable, terrestrial, and
terrestrial/IP hybrid networks worldwide.
JTAG
STB peripherals I/O
Resets
Analog out
Clocks
Modes
PCM I/O
S/PDIF out
External interrupts
Clock Gen
System serv
Peripherals
SSC
UART
MAFE
PWM
Infrared
Smartcard
Connectivity
Transport
Security
Dual PTI
TS merger
ST231 CPU
Video planes
Graphic planes
Cursor plane
Main VDP
Deinterlacer
Capture
Denc
Teletext
DACs
HDMI
VTGs
Analog video SD out
Audio I/O
Display
DVP
Video I/O
Transport streams
Parallel/serial in/out
Audio decoder
ST231 CPU
Video decoder
EMI
PCI
SPI
LMI
System
interfaces
Aux VDP
CPU/FPU
MMU
Interrupts
I cache
D cache
Timer
ST40 450MHz
Debug
STBus
PCM players
PCM reader
DACs
Dual FDMA
Bdisp Blitter
Delta Mu
Flash, SFlash
NOR, NAND
USB
e-SATA (option)
Ethernet
DAA
Demodulator
DVB-T
IF in
Transport
streams
DVB-C
DDR1/DDR2
Serial Flash
PCI Peripherals
Memory
Flash, SFlash
NOR, NAND
www.st.com


Similar Part No. - STI5267

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5262 STMICROELECTRONICS-STI5262 Datasheet
88Kb / 4P
Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
04-Mar-2010
More results

Similar Description - STI5267

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
STMicroelectronics
STI7167 STMICROELECTRONICS-STI7167 Datasheet
136Kb / 10P
Advanced STB decoder with integrated DVB-T/DVB-C demodulator
25-Aug-2009
STI5251 STMICROELECTRONICS-STI5251 Datasheet
79Kb / 4P
Advanced SD STB processor with integrated DVB-T/DVB-C demodulator
30-Aug-2011
STI5262 STMICROELECTRONICS-STI5262 Datasheet
88Kb / 4P
Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
04-Mar-2010
STI7162 STMICROELECTRONICS-STI7162 Datasheet
78Kb / 3P
Advanced STB decoder with integrated DVB-T/DVB-C demodulator
20-Jan-2010
STIH246 STMICROELECTRONICS-STIH246 Datasheet
84Kb / 4P
Advanced STB decoder with integrated dual silicon tuner and dual DVB-S2 demodulator
28-Jul-2011
STIH251 STMICROELECTRONICS-STIH251 Datasheet
79Kb / 4P
Advanced STB decoder with integrated DVB-T2 and DVB-T demodulator
16-Mar-2011
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com