Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5267 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI5267
Description  Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5267 Datasheet(HTML) 4 Page - STMicroelectronics

  STI5267 Datasheet HTML 1Page - STMicroelectronics STI5267 Datasheet HTML 2Page - STMicroelectronics STI5267 Datasheet HTML 3Page - STMicroelectronics STI5267 Datasheet HTML 4Page - STMicroelectronics STI5267 Datasheet HTML 5Page - STMicroelectronics STI5267 Datasheet HTML 6Page - STMicroelectronics STI5267 Datasheet HTML 7Page - STMicroelectronics STI5267 Datasheet HTML 8Page - STMicroelectronics STI5267 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Introduction
STi5267
4/9
Doc ID 16950 Rev 1
1.1.2
QAM demodulation
●
Decodes ITU-T J.83-Annexes A/C and DVB-C bit streams
●
High-performance integrated ADC for direct IF architecture in all QAM modes
●
Supports 16, 32, 64, 128 and 256 point constellations
●
Variable symbol rates
●
Front derotator for better low symbol rate performance and relaxed tuner constraints
●
Integrated matched filtering
●
Robust integrated adaptive pre- and post- high multi-tap equalizer
●
On-chip FEC A/C with ability to bypass individual blocks
●
Built-in clock management for operation from a flexible 4 MHz to 30 MHz external
reference
●
Fast signal acquisition
●
ADC for RF signal strength indicator
1.1.3
Interfaces
●
I²C serial bus interface:
●
Fast, up to 400 kHz slave interface
●
Four possible slave addresses
●
Flexible and DVB-CI compliant TS output
1.1.4
Processor core
The STi5267 integrates a 450 MHz ST40-300 processor core that features a 32-bit
superscalar RISC CPU and IEEE-754 compliant floating point unit (FPU). The ST40-300
includes two-way, set-associative caches and an interrupt controller with 15 user interrupt
sources and an interrupt expansion port.
1.1.5
External memory interface (EMI)
The EMI is a general-purpose interface for attaching Flash memory and peripherals. The
EMI features are:
●
Five banks
●
Addressing up to at least 64 Mbytes of NOR Flash
●
External bus master support through BUSREQ/BUSGNT signals
●
Slave Mode EMI support
●
Single level cell (SLC) NAND Flash and boot from SLC NAND Flash
●
Serial Flash support
●
PCI interface, host and device selected on boot
●
ATAPI PIO mode 4
●
DVB-CI+
1.1.6
Local memory interface (LMI)
The STi5267 integrates one 16-bit DDR2-DDR1 interface. The interface can run up to
400 MHz when configured in DDR2 mode or up to 250 MHz when in DDR1 mode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com