| Electronic Components Datasheet Search |
|
STI7100 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI7100 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 9 page ![]() Description STi7100 6/9 ● Gamma 2D/3D graphics processor – dual source blitter engine – alpha blending and logical operations – color space and format conversion – fast color fill – arbitrary resizing with high quality filters – acceleration of direct drawing by CPU – Gamma compositor and video processor – 5 channels mixer for HD output – independent 2-channel mixer for SD output – 2 graphic display planes – high-quality video scaler – picture up-conversion hardware – linear resizing and format conversions – horizontal and vertical filtering ● Copy protection – HDMI 1.0/HDCP 1.1 copy protection hardware – Macrovision™ copy protection for 480I, 480P, 576I, 576P outputs 1.1.4 Audio subsystem ● Digital audio decoder – compatible with all popular audio standards – PCM mixing with internal or external source and sample rate conversion – independent multichannel PCM output, S/PDIF output and analog output – 6 to 2 channel downmixing – PCM audio input ● Stereo 24-bit audio DAC for analog output ● IEC958/IEC1937 digital audio output interface (S/PDIF) 1.1.5 Interfaces ● External memory interface (EMI) – 16-bit interface supporting ROM, Flash, SFlash, SRAM, peripherals – access in 5 banks – master/slave support for interconnecting two STi7100 devices ● Dual local memory interface (LMI) – dual interface for 32-bit DDR1 200-MHz (DDR400) memories, supports 64, 128, 256 and 512 Mbit devices ● USB 2.0 host interface ● Serial ATA hard-disk drive support – record and playback with trick modes – pause and time shifting – watch and record |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |