Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7100
Description  Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7100 Datasheet(HTML) 1 Page - STMicroelectronics

  STI7100 Datasheet HTML 1Page - STMicroelectronics STI7100 Datasheet HTML 2Page - STMicroelectronics STI7100 Datasheet HTML 3Page - STMicroelectronics STI7100 Datasheet HTML 4Page - STMicroelectronics STI7100 Datasheet HTML 5Page - STMicroelectronics STI7100 Datasheet HTML 6Page - STMicroelectronics STI7100 Datasheet HTML 7Page - STMicroelectronics STI7100 Datasheet HTML 8Page - STMicroelectronics STI7100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2006
Rev 2
1/9
9
STi7100
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
Features
■ The STi7100 is a single-chip, high-definition
STB decoder including:
– ST40 CPU core, 266 MHz
– dual ST231 CPU cores for audio and video
decoding, both 400 MHz
– transport filtering and descrambling
– video decoder: H.264/AVC and MPEG-2
– graphics engine and dual display:
high-definition (HD) and
standard definition (SD)
– audio decoder
■ The STi7100 also features the following
embedded interfaces:
–USB 2.0
– DVI/HDMI output
– digital audio and video auxiliary input
– modem
– serial ATA
32
CP
ST40 core 266 MHz
UDI
16 K Icache
MMU
Int. control
32 K Dcache
LMI
Digital
video input
LMU
S/PDIF
2-ch
PCM in
SD
video in
TMDS main video
DENC
EMI
3x
SSCs
4x
UARTs
ILC
2x I/F
SmCard
6x GPIO
PWM
MAFE
interface
IR
Tx/Rx
STBus
Main video
display
FDMA
AudioL
TSmerger/router
Display
compositor
2D gamma
blitter
DACs
DVI-HDCP
HDMI
Output stage
Main video
output (HD)
YPbPr
Aux video
output (SD)
YC/CVBS
USB
AudioR
PDES
Clock
generator
5 x 2-ch
PCM out
Peripheral I/O
and external interrupts
Flash
peripherals
TSIN0
NRSS-A
TSIN1
TS I/O
and system
services
DACs
CUR
Aux video
display
Audio decoder
and interfaces
Audio
DACs
PTI
output (HD)
Video decoder
H.264/AVC,
MPEG2
2.0
Serial
ATA
interface
LMI
32
SDRAM
DDR
Video
System
ST231
core
ST231
core
DiSEqC
DAA
GDP
GDP
www.st.com


Similar Part No. - STI7100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7105 STMICROELECTRONICS-STI7105 Datasheet
143Kb / 11P
Low cost advanced HD decoding IC for STB
08-Sep-2008
STI7105ZUB STMICROELECTRONICS-STI7105ZUB Datasheet
143Kb / 11P
Low cost advanced HD decoding IC for STB
08-Sep-2008
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
Advanced HD decoder
29-Oct-2009
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
Advanced HD AVC decoder with 3D graphics acceleration
16-Nov-2009
More results

Similar Description - STI7100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
Rev. 1
STI7109 STMICROELECTRONICS-STI7109 Datasheet
207Kb / 9P
Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
19-Dec-2006
STI7200 STMICROELECTRONICS-STI7200 Datasheet
206Kb / 8P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
07-Dec-2006
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
MPEG-4 AVC/H.264 Video Decoder
logo
STMicroelectronics
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
28-Jun-2010
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
20-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com