Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7106 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7106
Description  Advanced HD decoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7106 Datasheet(HTML) 2 Page - STMicroelectronics

  STI7106 Datasheet HTML 1Page - STMicroelectronics STI7106 Datasheet HTML 2Page - STMicroelectronics STI7106 Datasheet HTML 3Page - STMicroelectronics STI7106 Datasheet HTML 4Page - STMicroelectronics STI7106 Datasheet HTML 5Page - STMicroelectronics STI7106 Datasheet HTML 6Page - STMicroelectronics STI7106 Datasheet HTML 7Page - STMicroelectronics STI7106 Datasheet HTML 8Page - STMicroelectronics STI7106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Introduction
STi7106
2/13
Doc ID 16517 Rev 1
1
Introduction
The STi7106 is targeted at the latest operator and CE manufacturer requirements for STBs
and Blu-ray DVD players, which utilize advanced HD decoding (H264/VC-1/MPEG2/AVS),
and which conform to DVB, ISMA, ATIS-IIF, SCTE, DirecTV, ATSC, ARIB, CEA, ITU,
OpenCable, MSTV, and BD specifications.
The STi7106 provides a solution for operators to specify a range of cost-efficient, high
performance HD STBs including cost-efficient zappers, IP clients, interactive STBs, DVR
standalone and DVR server/home network capable STBs, and with content delivery
possible using broadcast or broadband networks, or both (hybrid STBs).
The STi7106 keeps pace with the latest conditional access, DRM and trusted platform
requirements of major operators worldwide by incorporating the latest generation of
advanced security features.
The STi7106 offers current users of ST’s growing family of advanced decoding ICs
enhancements in performance and features whilst reducing cost and time to market for the
next generation deployments.
Features
Benefits
NAND Flash or Serial Flash based secure boot
and code storage
Enables further BOM optimization and cost
reduction of advanced decoding HD STBs
ST40-300 applications CPU @450MHz, 32 KI
cache, 32 KD cache
Up to 800 DMIPs superscalar performance from a
single CPU core using standard tools and
operating systems (Linux, OS21)
ST's Delta decoding system with ST231
processor
Decoding of advanced high definition standards for
broadcast (MPEG2, H264, VC-1, and AVS for
China markets) plus performance and flexibility for
web-based content decoding such as Flash, DivX,
MJPEG and Real
Dual USB 2.0 hosts, Dual e-SATA, PCI, SD-
MMC/SDIO, 10/100 Ethernet MAC/MII and a
10/100/1000 Ethernet MAC with MII/RMII/TMII
and GMII interfaces
Extensive high speed connectivity for attaching to
the widest range of STB peripherals, such as Flash
drives, internal and external HDDs, home network
controllers (e.g. MoCA, Wi-Fi, HomePlug),
DOCSIS modem, memory cards and support for
Gigabit Ethernet interfacing
Low power process, design and architecture
Best in class lowest power standby mode to meet
emerging energy standards for STBs. Dynamic
configuration of power to individual subsystems
enables power efficient active standby modes
Advanced 2D graphics and display subsystem
with Tile RAM bandwidth saver supports also 3D
user interface effects
Allows more visually appealing program guides,
user interfaces and video rich navigation to be
offered to consumers
1080p60 display output with deep color support
over HDMI 1.3
High quality progressive output can be watched on
the latest high definition displays with enhanced
color vividness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com