Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7106 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI7106
Description  Advanced HD decoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7106 Datasheet(HTML) 5 Page - STMicroelectronics

  STI7106 Datasheet HTML 1Page - STMicroelectronics STI7106 Datasheet HTML 2Page - STMicroelectronics STI7106 Datasheet HTML 3Page - STMicroelectronics STI7106 Datasheet HTML 4Page - STMicroelectronics STI7106 Datasheet HTML 5Page - STMicroelectronics STI7106 Datasheet HTML 6Page - STMicroelectronics STI7106 Datasheet HTML 7Page - STMicroelectronics STI7106 Datasheet HTML 8Page - STMicroelectronics STI7106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STi7106
Introduction
Doc ID 16517 Rev 1
5/13
Transport/security
●
Quadruple external TS inputs, triple internal TS from memory
●
Dual DVB-CI+ (HD/SD profiles) modules supported
●
Multistream transport stream demultiplexing, 400 Mbits/sec, quadruple tuner DVR
capable
●
DVB/DES/TDES/AES/Multi-2/ICAM descrambling
●
DVR supported, with HDD attachment through e-SATA, EIDE (PIO mode) or USB
●
CSS (DVD-video), CPRM (DVD-RW), and CPPM (DVD-audio) decryption is provided
for the DVD stream
●
Blu-ray DVD (BD) security: BD+/AACS
●
Advanced security:
–
Secure control words
–
Secure boot with code authentication
–
JTAG locking
–
Network/DVR copy protection
STB peripherals and package
●
On-chip STB peripherals:
–
Two smartcard interfaces
–Four UARTs
–
Four SSC/I2C
–
GPIO banks with alternate functions
–IR Tx/Rx
–
UHF Rx/SCD
–PWM
–ILC
–HDMI CEC
–
4 x 4 key matrix scanner
●
Package:
–
FPGBA 27 x 27mm
–
620 balls
–
Pitch 0.8 mm
–
Ball 0.5 mm
–
Ball to ball compatible with STi7105 with additional balls assigned
●
Dual multichannel flexible DMA controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com