| Electronic Components Datasheet Search |
|
STIH207 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STIH207 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Data brief For further information contact your local STMicroelectronics sales office. October 2011 Doc ID 022309 Rev 1 1/4 4 STiH207 Advanced dual HD AVC processor with integrated low power standby controller Features ■ ST40 applications CPU with 256 KB L2 cache ■ 32-bit LMI supporting DDR2/DDR3 ■ Decoding of H264, MPEG2, VC-1 and AVS HD video streams ■ Decoding of 1080p60 AVC, dual HD AVC and MVC SHP video streams ■ 3DTV decoding and display compatible with HDMI 1.4a ■ Extensive connectivity (2 × USB 2.0 ports; Ethernet MII/RMII/TMII port; SD/MMC card port; eSATA port; PCIe) ■ Secure booting from SLC NAND Flash or Serial NOR Flash; eMMC booting option ■ Low-power process and architecture ■ Integrated low power standby controller ■ High-quality video resizing and de-interlacing ■ Integrated Ethernet PHY Description The STiH207 uses the latest process technology to provide a cost-effective, feature rich, highly integrated SoC for Set-Top Boxes (STBs). It is targeted at the advanced decoding STB market across all networks (Cable/Satellite/DTT/x-DSL/IP) worldwide and is suitable both for operator markets (with advanced security) and retail markets. The STiH207 provides a solution for operators and manufacturers to specify a range of cost- effective, high performance STBs including basic zappers, interactive STBs, IP clients, and DVR STBs with content delivery possible using broadcast or broadband networks or both (Hybrid STBs). JTAG STB peripherals I/O Resets Analog out Clocks Modes PCM I/O S/PDIF out external interrupts Peripherals Smartcard Connectivity Transport Security Analog video Audio I/O Display Video I/O Transport streams Parallel/serial in/out Audio decoder ST231 CPU Video decoder EMI SPI System interfaces CPU/FPU STBus PCM Players PCM Reader DACs SLC NAND Flash DDR3 LMI eSATA/PCI-E Ethernet SD-MMC/SDIO Dual USB Key scan Clock Gen System serv Dual FDMA L2 cache Serial Flash CI-Plus cards DDR2/DDR3 SSC UART RTC PWM GPIOs IR/UHF Low power standby controller HDMI www.st.com |
Similar Part No. - STIH207 |
|
Similar Description - STIH207 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |