Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKAJRB2.EM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWKAJRB2.EM
Description  SOLERIQ E 30
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAJRB2.EM Datasheet(HTML) 5 Page - OSRAM GmbH

  GWKAJRB2.EM Datasheet HTML 1Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 2Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 3Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 4Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 5Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 6Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 7Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 8Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Draft Version 0.0
GW KAJRB2.EM
2012-04-10 Preliminary Data
5
Efficiency comparison table, CCT = 4000K
5) page 17
Effizienz-Vergleichstabelle
5) page 17
Brightness Groups
Helligkeits-Gruppierungsschema
Forward
current /
Forward
Current
Forward
voltage /
Durchlass-
spannung
Luminous
Flux /
Lichtstrom
Optical
efficiency /
Optischer
Wirkungs-
grad
Forward
voltage /
Durchlass-
spannung
Luminous
Flux /
Lichtstrom
Optical
efficiency /
Optischer
Wirkungs-
grad
T
S = 25 °C
T
S = 25 °C
T
S = 25 °C
T
S = 85 °C
T
S = 85 °C
T
S = 85 °C
I
F (mA)
typ. V
F(V)
typ.
Φ
V(lm)
typ. (lm/W)
typ. V
F(V)
typ.
Φ
V(lm)
typ. (lm/W)
200
39.8
1080
136
38.6
950
123
350
41.6
1835
126
40.3
1615
114
500
43.1
2550
118
41.8
2245
107
600
44.0
3000
114
42.7
2640
103
700
45.0
3430
109
43.6
3020
99
1000
47.6
4630
97
46.1
4075
88
Group
Luminous Flux
1)
page 17
Luminous Flux
1)
page 17
Luminous Flux
3)
page 17
Luminous Flux
3)
page 17
Gruppe
Lichtstrom
1) Seite
17
Lichtstrom
1) Seite
17
Lichtstrom
3) Seite
17
Lichtstrom
3) Seite
17
T
S = 25 °C
T
S = 25 °C
T
S = 85 °C
T
S = 85 °C
min.
Φ
V(lm)
max.
Φ
V(lm)
extrapolated
min.
Φ
V(lm)
extrapolated
max.
Φ
V(lm)
ST
2400
2590
2150
2320
SU
2590
2800
2320
2510
TP
2800
3040
2510
2725
TQ
3040
3300
2725
2960
TR
3300
3590
2960
3220
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness
groups of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die
aus nur wenigen Helligkeitsgruppen bestehen. Einzelne Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com