Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8904CGEFL/RV Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
66
DIGITAL-TO-ANALOGUE CONVERTER (DAC)
The WM8904 DACs receive digital input data from the DACDAT pin and via the digital sidetone path
(see “Digital Mixing” section). The digital audio data is converted to oversampled bit streams in the
on-chip, true 24-bit digital interpolation filters. The bitstream data enters two multi-bit, sigma-delta
DACs, which convert them to high quality analogue audio signals. The Wolfson SmartDAC™
architecture offers reduced power consumption, whilst also delivering a reduction in high frequency
noise and sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high
linearity and low distortion.
The analogue outputs from the DACs are sent directly to the output PGAs (see “Output Signal Path”).
The DACs are enabled by the DACL_ENA and DACR_ENA register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
Power
Management
6
3
DACL_ENA
0
Left DAC Enable
0 = DAC disabled
1 = DAC enabled
2
DACR_ENA
0
Right DAC Enable
0 = DAC disabled
1 = DAC enabled
Table 32 DAC Enable Control
DAC DIGITAL VOLUME CONTROL
The output level of each DAC can be controlled digitally over a range from -71.625dB to 0dB in
0.375dB steps. The level of attenuation for an eight-bit code is detailed in Table 34.
The DAC_VU bit controls the loading of digital volume control data. When DAC_VU is set to 0, the
DACL_VOL or DACR_VOL control data is loaded into the respective control register, but does not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to DAC_VU. This makes it possible to update the gain of both channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (1Eh)
DAC Digital
Volume Left
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit causes left
and right DAC volume to be
updated simultaneously
7:0
DACL_VOL [7:0]
1100_0000
(0dB)
Left DAC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h to FFh = 0dB
(See Table 34 for volume range)
R31 (1Fh)
DAC Digital
Volume Right
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit causes left
and right DAC volume to be
updated simultaneously
7:0
DACR_VOL [7:0]
1100_0000
(0dB)
Right DAC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h to FFh = 0dB
(See Table 34 for volume range)
Table 33 DAC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com