| Electronic Components Datasheet Search |
|
WM8904CGEFL/RV Datasheet(PDF) 68 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904CGEFL/RV Datasheet(HTML) 68 Page - Wolfson Microelectronics plc |
|
68 / 188 page ![]() WM8904 Pre-Production w PP, Rev 3.3, September 2012 68 DAC SOFT MUTE AND SOFT UN-MUTE The WM8904 has a soft mute function. When enabled, this gradually attenuates the volume of the DAC output. When soft mute is disabled, the gain will either gradually ramp back up to the digital gain setting, or return instantly to the digital gain setting, depending on the DAC_UNMUTE_RAMP register bit. To mute the DAC, this function must be enabled by setting DAC_MUTE to 1. Soft Mute Mode would typically be enabled (DAC_UNMUTE_RAMP = 1) when using DAC_MUTE during playback of audio data so that when DAC_MUTE is subsequently disabled, the sudden volume increase will not create pop noise by jumping immediately to the previous volume level (e.g. resuming playback after pausing during a track). Soft Mute Mode would typically be disabled (DAC_UNMUTE_RAMP = 0) when un-muting at the start of a music file, in order that the first part of the track is not attenuated (e.g. when starting playback of a new track, or resuming playback after pausing between tracks). DAC muting and un-muting using volume control bits DACL_VOL and DACR_VOL. DAC muting and un-muting using the DAC_MUTE bit. If soft Mute Mode is not enabled (DAC_UNMUTE_RAMP = 0): Setting the DAC_MUTE bit causes the volume to ramp down at a rate controlled by DAC_MUTERATE. Clearing the DAC_MUTE bit causes the volume to return to the un-muted level immediately. DAC muting and un-muting using the DAC_MUTE bit. If soft Mute Mode is enabled (DAC_UNMUTE_RAMP = 1): Setting the DAC_MUTE bit causes the volume to ramp down. Clearing the DAC_MUTE bit causes the volume to ramp up to the un-muted level at a rate controlled by DAC_MUTERATE. Figure 36 DAC Mute Control The volume ramp rate during soft mute and un-mute is controlled by the DAC_MUTERATE bit. Ramp rates of fs/32 and fs/2 can be selected, as shown in Table 35. The ramp rate determines the rate at which the volume is increased or decreased. The actual ramp time depends on the extent of the difference between the muted and un-muted volume settings. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |