Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8904CGEFL/RV Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 111Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 112Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 113Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 114Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 115Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 116Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 117Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 118Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
115
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
The WM8904 provides four multi-function pins which can be configured to provide a number of
different functions. These are digital input/output pins on the DBVDD power domain. The GPIO pins
are:
IRQ/GPIO1
GPIO2
GPIO3
BCLK/GPIO4
Each general purpose I/O pin can be configured to be a GPIO input or configured as one of a number
of output functions. Signal de-bouncing can be selected on GPIO input pins for use with jack/button
detect applications. Table 74 lists the functions that are available on each of the GPIO pins.
GPIO Pin Function
GPIO PINS
IRQ / GPIO1
GPIO2
GPIO3
BCLK / GPIO4
GPIO input
(including jack/button detect)
Yes
Yes
Yes
Yes
GPIO output
Yes
Yes
Yes
Yes
BCLK
No
No
No
Yes
Interrupt (IRQ)
Yes
Yes
Yes
Yes
MICBIAS current detect
Yes
Yes
Yes
Yes
MICBIAS short-circuit detect
Yes
Yes
Yes
Yes
Digital microphone interface
(DMIC clock output)
Yes
Yes
Yes
Yes
FLL Lock output
Yes
Yes
Yes
Yes
FLL Clock output
Yes
Yes
Yes
Yes
Table 74 GPIO Functions Available
IRQ/GPIO1
The IRQ/GPIO1 pin is configured using the register bits described in Table 75. By default, this pin is
IRQ output with pull-down resistor enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R121 (79h)
GPIO
Control 1
5
GPIO1_PU
0
GPIO1 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO1_PD
1
GPIO1 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3:0
GPIO1_SEL [3:0]
0100
GPIO1 Function Select
0000 = Input pin
0001 = Clock output
(f=SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = IRQ (default)
0101 = FLL Lock
0110 = Mic Detect
0111 = Mic Short
1000 = DMIC clock out
1001 = FLL Clock Output
1010 to 1111 = Reserved
Table 75 IRQ/GPIO1 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com