Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8904CGEFL/RV Datasheet(PDF) 130 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 130 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 126Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 127Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 128Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 129Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 130Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 131Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 132Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 133Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 134Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
130
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
7 (07h)
R18 (12h)
2 bits
Bit 2
03h
5h
0b
DACL_ENA = 1
DACR_ENA = 1
(delay = 2.5ms)
8 (08h)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5625ms)
9 (09h)
R4 (04h)
1 bit
Bit 4
00h
0h
0b
(delay = 0.5625ms)
10 (0Ah)
R98 (62h)
1 bit
Bit 0
01h
6h
0b
CP_ENA = 1
(delay = 4.5ms)
11 (0Bh)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5625ms)
12 (0Ch)
R90 (5Ah)
8 bits
Bit 0
11h
0h
0b
HPL_ENA = 1
HPR_ENA = 1
(delay = 0.5625ms)
13 (0Dh)
R94 (5Eh)
8 bits
Bit 0
11h
0h
0b
LINEOUTL_ENA = 1
LINEOUTR_ENA = 1
(delay = 0.5625ms)
14 (0Eh)
R90 (5Ah)
8 bits
Bit 0
33h
0h
0b
HPL_ENA_DLY = 1
HPR_ENA_DLY = 1
(delay = 0.5625ms)
15 (0Fh)
R94 (5Eh)
8 bits
Bit 0
33h
0h
0b
LINEOUTL_ENA_DLY = 1
LINEOUTR_ENA_DLY = 1
(delay = 0.5625ms)
16 (10h)
R67 (43h)
4 bits
Bit 0
0Fh
Ch
0b
DCS_ENA_CHAN_0 = 1
DCS_ENA_CHAN_1 = 1
DCS_ENA_CHAN_2 = 1
DCS_ENA_CHAN_3 = 1
(delay = 0.5625ms)
17 (11h)
R68 (44h)
8 bits
Bit 0
F0h
0h
0b
DCS_TRIG_STARTUP_0 = 1
DCS_TRIG_STARTUP_1 = 1
DCS_TRIG_STARTUP_2 = 1
DCS_TRIG_STARTUP_3 = 1
(delay = 256.5ms)
18 (12h)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5625ms)
19 (13h)
R90 (5Ah)
8 bits
Bit 0
77h
0h
0b
HPL_ENA_OUTP = 1
HPR_ENA_OUTP = 1
(delay = 0.5625ms)
20 (14h)
R94 (5Eh)
8 bits
Bit 0
77h
0h
0b
LINEOUTL_ENA_OUTP = 1
LINEOUTR_ENA_OUTP = 1
(delay = 0.5625ms)
21 (15h)
R90 (5Ah)
8 bits
Bit 0
FFh
0h
0b
HPL_RMV_SHORT = 1
HPR_RMV_SHORT = 1
(delay = 0.5625ms)
22 (16h)
R94 (5Eh)
8 bits
Bit 0
FFh
0h
1b
LINEOUTL_RMV_SHORT = 1
LINEOUTR_RMV_SHORT = 1
End of Sequence
23 (17h)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Spare
24 (18h)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Spare
Table 88 Start-up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com