Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8904CGEFL/RV Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 142Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 143Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 144Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 145Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 146Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 147Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 148Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 149Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
146
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1
CLK_DSP_EN
A
0
DSP Clock enable
0 = Disabled
1 = Enabled
Clocking and
Sample Rates
0
TOCLK_ENA
0
Zero Cross timeout enable
0 = Disabled
1 = Enabled
Clocking and
Sample Rates
Register 16h Clock Rates 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R24 (18h)
Audio
Interface 0
12
DACL_DATINV
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
Digital Mixing
11
DACR_DATINV
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
Digital Mixing
10:9
DAC_BOOST
[1:0]
00
DAC Digital Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not exceed -6dBFS)
10 = +12dB (Input data must not exceed -12dBFS)
11 = +18dB (Input data must not exceed -18dBFS)
Digital Mixing
8
LOOPBACK
0
Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADC data output is directly
input to DAC data input)
Digital Audio
Interface Control
7
AIFADCL_SRC
0
Left Digital Audio channel source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
Digital Audio
Interface Control
6
AIFADCR_SRC
1
Right Digital Audio channel source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
Digital Audio
Interface Control
5
AIFDACL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
Digital Audio
Interface Control
4
AIFDACR_SRC
1
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
Digital Audio
Interface Control
3
ADC_COMP
0
ADC Companding Enable
0 = disabled
1 = enabled
Digital Audio
Interface Control
2
ADC_COMPMO
DE
0
ADC Companding Type
0 = µ-law
1 = A-law
Digital Audio
Interface Control
1
DAC_COMP
0
DAC Companding Enable
0 = disabled
1 = enabled
Digital Audio
Interface Control
0
DAC_COMPMO
DE
0
DAC Companding Type
0 = µ-law
1 = A-law
Digital Audio
Interface Control
Register 18h Audio Interface 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com