Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8352GEB/V Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
96
Figure 59 DSP/PCM Mode B, Master Mode, with TDM
DSP/PCM Mode A, Slave Mode: SLOT0 and SLOT1 are defined as shown below. The number of
BCLK cycles from the start of SLOT0 (left) to the start of SLOT1 (left) is determined by the selected
word length of the interface of the WM8352.
Figure 60 DSP/PCM Mode A, Slave Mode with TDM
DSP/PCM Mode B, Slave Mode: SLOT0 and SLOT1 are defined as shown below. The number of
BCLK cycles from the start of SLOT0 (left) to the start of SLOT1 (left) is determined by the selected
word length of the interface of the WM8352.
Figure 61 DSP/PCM Mode B, Slave Mode, with TDM
13.10.4 LOOPBACK
When the loopback feature is enabled, the audio ADC’s digital output data is looped back to the
audio DAC and converted back into an analogue signal. This is often useful for test and evaluation
purposes.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R113 (71h)
ADC Control
0
LOOPBACK
0
Digital Loopback Function
0 = No loopback.
1 = Loopback enabled, ADC data output is
fed directly into DAC data input.
Table 47 Enabling loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com