Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8352GEB/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
17
Test Conditions
DCVDD = 1.8V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Headphone Output (OUT1L, OUT1R, OUT2L, OUT2R)
0dB full scale output voltage
HPVDD/3.3
Vrms
Signal to Noise Ratio
SNR
A-weighted
87
96
dB
Total Harmonic Distortion
(Note 3)
THD+N
RL = 16
Ω, Po=20mW
HPVDD=3.3V
-65
-72
dB
RL = 32
Ω, Po=20mW
HPVDD=3.3V
-71
dB
OUT3/OUT4 outputs (with 10k
Ω / 50pF load)
Full-scale output
HPVDD/3.3
V rms
Signal to Noise Ratio (Note 1, 2)
SNR
A-weighted
90
97
dB
Total Harmonic Distortion
(Note 3)
THD
RL = 10k
Ω
full-scale signal
-77
-83
dB
Channel Separation (Note 4)
5KHz signal
80
dB
Microphone Bias
Bias Voltage
VMICBIAS
MBVSEL=0
0.9*AVDD
V
MBVSEL=1
0.75*AVDD
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1kHz to 20kHz
24
nV/
√Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
×DBVDD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×DBVDD
V
Output LOW Level
VOL
IOH-1mA
0.1xDBVDD
V
Frequency Locked Loop (FLL)
Reference clock frequency
FREF
0.032
22
MHz
Jack Detect
Detection switch threshold
VIH
0.7xAVDD
V
VIL
0.3xAVDD
V
HPCOM
Ground noise rejection
VIH
40
dB
VIL
40
dB
TERMINOLOGY
1.
Signal-to-noise ratio (dB) = SNR is a measure of the difference in level between the full scale output and the output with
no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) = DR is a measure of the difference between the highest and lowest portions of a signal. Normally a
THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (E.g.
THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) = THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Channel Separation (dB) = Also known as Cross-Talk. This is a measure of the amount one channel is isolated from the
other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com