Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXD10 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 26Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 27Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
24
– Support for frequency ramping from PLL
— The primary FMPLL module is for use as a system clock source. The auxiliary FMPLL is
available for use as an alternate, modulated or non-modulated clock source to eMIOS modules
and as alternate clock to the DCU for pixel clock generation.
•
The main oscillator provides the following features:
— Input frequency range 4–16 MHz
— Square-wave input mode
— Oscillator input mode 3.3 V (5.0 V)
— Automatic level control
— PLL reference
•
PXD10 includes a 32 KHz low power external oscillator for slow execution, low power, and Real
Time Clock
•
Dedicated internal 128 kHz RC oscillator for low power mode operation and self wake-up
— ±10% accuracy across voltage and temperature (after factory trimming)
— Trimming registers to support improved accuracy with in-application calibration
•
Dedicated 16 MHz internal RC oscillator
— Used as default clock source out of reset
— Provides a clock for rapid start-up from low power modes
— Provides a back-up clock in the event of PLL or External Oscillator clock failure
— Offers an independent clock source for the Watchdog timer
— ±5% accuracy across voltage and temperature (after factory trimming)
— Trimming registers to support frequency adjustment with in-application calibration
1.6.26
Crossbar Switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between four master ports and
four slave ports. The crossbar supports a 32-bit address bus width and a 32-bit data bus width.
The crossbar allows four concurrent transactions to occur from any master port to any slave port but one
of those transfers must be an instruction fetch from internal flash. If a slave port is simultaneously
requested by more than one master port, arbitration logic selects the higher priority master and grants it
ownership of the slave port. All other masters requesting that slave port are stalled until the higher priority
master completes its transactions. Requesting masters having equal priority are granted access to a slave
port in round-robin fashion, based upon the ID of the last master to be granted access.
The crossbar provides the following features:
•
Four master ports
— e200z0h core instruction port
— e200z0h core complex load/store data port
— eDMA controller
— Display control unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com