Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXD10 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
19
1.6.16
Controller Area Network (CAN) module
The PXD10 contains two CAN modules that offer the following features:
•
Compliant with CAN protocol specification, Version 2.0B active
•
64 mailboxes, each configurable as transmit or receive
— Mailboxes configurable while module remains synchronized to CAN bus
•
Transmit features
— Supports configuration of multiple mailboxes to form message queues of scalable depth
— Arbitration scheme according to message ID or message buffer number
— Internal arbitration to guarantee no inner or outer priority inversion
— Transmit abort procedure and notification
•
Receive features
— Individual programmable filters for each mailbox
— 8 mailboxes configurable as a 6-entry receive FIFO
— 8 programmable acceptance filters for receive FIFO
•
Programmable clock source
— System clock
— Direct oscillator clock to avoid PLL jitter
•
Listen only mode capabilities
•CAN Sampler
— Can catch the first message sent on the CAN network while the PXD10 is stopped. This
guarantees a clean startup of the system without missing messages on the CAN network.
— The CAN sampler is connected to one of the CAN RX pins.
1.6.17
Inter-IC Communications (I2C) module
The I2C module features the following:
•
As many as four I2C modules supported
•
Two-wire bi-directional serial bus for on-board communications
•
Compatibility with I2C bus standard
•
Multimaster operation
•
Software-programmable for one of 256 different serial clock frequencies
•
Software-selectable acknowledge bit
•
Interrupt-driven, byte-by-byte data transfer
•
Arbitration-lost interrupt with automatic mode switching from master to slave
•
Calling address identification interrupt
•
Start and stop signal generation/detection
•
Repeated START signal generation
•
Acknowledge bit generation/detection
•
Bus-busy detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com