Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD1005VLU64R Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPXD1005VLU64R
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1005VLU64R Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPXD1005VLU64R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD1005VLU64R Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
74
Figure 7. Recommended order for powering down the power supplies
CAUTION
The VDD IO HV supply must be disabled after the VDDREG HV supply
voltage drops below 1.5 V. This is to ensure that the 1.2 V regulator shuts
down before the 3.3 V regulator shuts down.
3.7.5
Power-up inrush current profile
Figure 8 shows the power up inrush current profile of the ballast transistor under the worst possible startup
condition (fastest PVT and fastest power ramp time).
Figure 8. Power-up inrush current profile
VDDREG HV supply
 2.7 V
VDDREG HV POR (internal)
1.2 V regulator output
Soft startup (approx. 200
s)
VDD IO HV supply (3–5.5 V)
> 1.5 V
Time to discharge 40
F
Capacitance depends on load
1.2 V supply
Base control
Current profile
3–5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com