| Electronic Components Datasheet Search |
|
MPXD1005VLU64R Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXD1005VLU64R Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 130 page ![]() Overview PXD10 Microcontroller Data Sheet, Rev. 1 Freescale Semiconductor 13 1.6.4 Parallel Data Interface (PDI) The PDI is a digital interface used to receive external digital video or graphic content into the DCU. The PDI input is directly injected into the DCU background plane FIFO. When the PDI is activated, all the DCU synchronization is extracted from the external video stream to guarantee the synchronization of the two video sources. The PDI can be used to: • Connect a video camera output directly to the PDI • Connect a secondary display driver as slave with a minimum of extra cost • Connect a device gathering various Video sources • Provide flexibility to allow the DCU to be used in slave mode (external synchronization) The PDI features the following: • Supported color modes: — 8-bit mono — 8-bit color multiplexed — RGB565 — 16-bit/18-bit RAW color • Supported synchronization modes: — Embedded ITU-R BT.656-4 (RGB565 mode 2) — HSYNC, VSYNC — Data Enable • Direct interface with DCU background plane FIFO • Synchronization generation for the DCU 1.6.5 Liquid Crystal Display (LCD) driver The LCD driver module has two configurations allowing a maximum of 160 or 228 LCD segments: • As many as 40 frontplane drivers and four backplane drivers • As many as 38 frontplane drivers and six backplane drivers Each segment is controlled and can be masked by a corresponding bit in the LCD RAM. Four to six multiplex modes (1/1, 1/2, 1/3, 1/4, 1/5, 1/6 duty), and three bias (1/1, 1/2, 1/3) methods are available. All frontplane and backplane pins can be multiplexed with other port functions. The LCD driver module features the following: • Programmable frame clock generator from different clock sources: — System clock — Internal RC oscillator • Programmable bias voltage level selector • On-chip generation of all output voltage levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |