Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXS20PB Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PXS20PB
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS20PB Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PXS20PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 23Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 24Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 25Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 26Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 27Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 28Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 29Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 30Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
PXS20 Product Brief, Rev. 1
Orderable Parts
Freescale Semiconductor
28
•
Green Hills
4
Orderable Parts
5
Revision History
Table 4 summarizes revisions to this document.
Table 3. Orderable part number summary
Part number
Flash/SRAM
Package
Speed
(MHz)
MPXS2005VLQ80
512 KB / 128 KB
144 LQFP (20 mm x 20 mm)
80
MPXS2010VLQ80
1 MB / 128 KB
144 LQFP (20 mm x 20 mm)
80
MPXS2010VMM80
1MB / 128KB
257 MAPBGA (14 mm x 14 mm)
80
MPXS2010VLQ120
1 MB / 128 KB
144 LQFP (20 mm x 20 mm)
120
MPXS2010VMM120
1MB / 128KB
257 MAPBGA (14 mm x 14 mm)
120
Table 4. Revision History
Revision
(Date)
Description
Rev. 1
(June 2011)
Initial release.
MPX
20
Note: Not all options are available on all devices. See Table 3 for more information.
S
Qualification status
Brand
Family
Class
Flash memory size
Temperature range
V = –40 °C to 105 °C
Operating frequency
80 = 80 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification (engineering samples)
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
10 V
Temperature range
MM
Package identifier
120 R
Operating frequency
Tape and reel indicator
Package identifier
LQ = 144 LQFP
120 = 120 MHz
(ambient)
MM = 257 MAPBGA
Family
D = Display Graphics
N = Connectivity/Network
R = Performance/Real Tiime Control
S=Safety
Flash Memory Size
05 = 512 KB
10 = 1 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com