Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXS20PB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PXS20PB
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS20PB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PXS20PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
12
ECC handling is done on a 32-bit boundary for data and it is extended to the address to have the highest
possible diagnostic coverage including the array internal address decoder.
The SRAM module provides the following features:
•
System SRAM: 128 KB
•
ECC on 32-bit word (syndrome of 7 bits)
— ECC covers SRAM bus address
•
1-bit error correction, 2-bit error detection
•
Wait states:
— 1 wait state at 120 MHz
— 0 wait states at 80 MHz and 60 MHz
2.5.7
Platform Flash Memory Controller
The following list summarizes the key features of the flash memory controller:
•
Single AHB port interface supports a 64-bit data bus. All AHB aligned and unaligned reads within
the 32-bit container are supported. Only aligned word writes are supported.
•
Array interfaces support a 128-bit read data bus and a 64-bit write data bus for each bank.
•
Code flash (bank0) interface provides configurable read buffering and page prefetch support.
— Four page-read buffers (each 128 bits wide) and a prefetch controller support speculative
reading and optimized flash access.
•
Single-cycle read responses (0 AHB data-phase wait states) for hits in the buffers. The buffers
implement a least-recently-used replacement algorithm to maximize performance.
•
Data flash (bank1) interface includes a 128-bit register to temporarily hold a single flash page. This
logic supports single-cycle read responses (0 AHB data-phase wait states) for accesses that hit in
the holding register.
— No prefetch support is provided for this bank.
•
Programmable response for read-while-write sequences including support for stall-while-write,
optional stall notification interrupt, optional flash operation abort , and optional abort notification
interrupt.
•
Separate and independent configurable access timing (on a per bank basis) to support use across a
wide range of platforms and frequencies.
•
Support of address-based read access timing for emulation of other memory types.
•
Support for reporting of single- and multi-bit error events.
•
Typical operating configuration loaded into programming model by system reset.
The platform flash controller is replicated for each processor.
2.5.8
Platform Static RAM Controller (SRAMC)
The SRAMC module is the platform SRAM array controller, with integrated error detection and
correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com