| Electronic Components Datasheet Search |
|
MPXD3015VMM2R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXD3015VMM2R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 139 page ![]() Introduction PXS30 Microcontroller Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 11 • DDR 1 • DDR 2 (optional) •SDR The controller has the following features: • Optimized timing for 32-byte bursts and single read accesses on the AHB interface • Optimized timing for 8-byte and 16-byte bursts on the DRAMC interface • Supports priority elevation on the slave ports for single accesses • 16-bit wide DRAM interface • One chip select (CS) • mDDR memory controller — 16-bit external interface — Address range up to 8 MB 1.5.12 Boot Assist Module (BAM) • Enables booting via serial mode (FlexCAN, LINFlex) • Handles static mode in case of an erroneous boot procedure • Implemented in 8 KB ROM • Supports Lock Step Mode (LSM) and Decoupled Parallel Mode (DPM) 1.5.13 Parallel Data Interface (PDI) • Support for external ADC and CMOS image sensors • Parallel interface operation up to MCU system bus frequency • Selectable data capture from rising or falling edge • Receive FIFO with adjustable trigger thresholds • Data width for 8, 10, 12, 14, and 16 bits • Data Packing Unit to pack input data on 64-bit words — data packed on 8- or 16- bit boundary, depending on input data width • Binary increasing channel select that allows as many as eight channels to be selected • Frame synchronization through Vsync, Hsync, PIXCLK 1.5.14 Deserial Serial Peripheral Interface (DSPI) modules • Three Serial Peripheral Interfaces — Full duplex communication ports with interrupt and eDMA request support — Support for all functional modes from QSPI submodule of QSMCM (MPC5xx family) — Support for queues in RAM — Six chip selects, expandable to 64 with external demultiplexers — Programmable frame size, baud rate, clock delay, and clock phase on a per-frame basis |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |