Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMM2R Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMM2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMM2R Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMM2R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD3015VMM2R Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
1.5.16
FlexCAN
•
Thirty-two message buffers each
•
Full implementation of the CAN protocol specification, Version 2.0B
•
Programmable acceptance filters
•
Individual Rx filtering per message buffer
•
Short latency time for high priority transmit messages
•
Arbitration scheme according to message ID or message buffer number
•
Listen-only mode capabilities
•
Programmable clock source: system clock or oscillator clock
•
Reception queue possible by setting more than one Rx message buffer with the same ID
•
Backwards compatible with previous FlexCAN modules
•
Safety CAN features on 1 CAN module as implemented on MPC5604P
1.5.17
Dual-channel FlexRay controller
•
Full implementation of FlexRay Protocol Specification 2.1
•
Sixty-four configurable message buffers can be handled
•
Message buffers configurable as Tx, Rx, or RxFIFO
•
Message buffer size configurable
•
Message filtering for all message buffers based on FrameID, cycle count, and message ID
•
Programmable acceptance filters for RxFIFO message buffers
•
Dual channel, each at up to 10 Mbit/s data rate
1.5.18
Periodic Interrupt Timer (PIT)
The PIT module implements the features below:
•
Four general-purpose interrupt timers
•
32-bit counter resolution
•
Clocked by system clock frequency
•
32-bit counter for real time interrupt, clocked from main external oscillator
•
Can be used for software tick or DMA trigger operation
1.5.19
System Timer Module (STM)
The STM implements the features below:
•
Duplicated periphery to guarantee that safety targets (SIL3) are achieved
•
Up-counter with four output compare registers
•
OS task protection and hardware tick implementation as per current state-of-the-art AUTOSAR
requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com