Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMS2R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMS2R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMS2R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
— FlexRay module (V2.1) with dual channel, up to 128 message objects and up to 10 Mbit/s
— Fast Ethernet Controller (FEC)
—3 I2C modules
•
Four 12-bit analog-to-digital converters (ADCs)
— 22 input channels
— Programmable cross triggering unit (CTU) to synchronize ADC conversion with timer and
PWM
•
External bus interface
•
16-bit external DDR memory controller
•
Parallel digital interface (PDI)
•
On-chip CAN/UART bootstrap loader
•
Capable of operating on a single 3.3 V voltage supply
— 3.3 V-only modules: I/O, oscillators, flash memory
— 3.3 V or 5 V modules: ADCs, supply to internal VREG
— 1.8–3.3 V supply range: DRAM/PDI
•
Operating junction temperature range –40 to 150 °C
1.5
Feature details
1.5.1
High-performance e200z7d core processor
•
Dual 32-bit Power Architecture
 processor core
•
Loose or tight core coupling
•
Freescale Variable Length Encoding (VLE) enhancements for code size footprint reduction
•
Thirty-two 64-bit general-purpose registers (GPRs)
•
Memory management unit (MMU) with 64-entry fully-associative translation look-aside buffer
(TLB)
•
Branch processing unit
•
Fully pipelined load/store unit
•
16 KB Instruction and 16 KB Data caches per core with line locking
— Four way set associative
— Two 32-bit fetches per clock
— Eight-entry store buffer
— Way locking
— Supports tag and data parity
•
Vectored interrupt support
•
Signal processing engine 2 (SPE2) auxiliary processing unit (APU) operating on 64-bit general
purpose registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com