Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMS2R Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMS2R Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMS2R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
92
— Configurable No Slew-Rate, Slow Slew-Rate, and Fast Slew-Rate on Slow, Medium, and SLR
driver pads
— VDD_HV_PDI NOTE: All pads are NOT 5 V TOLERANT. Pads are not capable of driving to
or from voltages above their respective VDD_HV_PDI. In other words, you cannot connect a
3.3V external device to a pad supplied with 2.5 V. If a pad must be connected to a 3.3V device,
its local VDD_HV_PDI must be 3.3 V. Injection current is then handled by the intrinsic diodes
from the pad transistors and by the ESD diodes.
— VDD_HV_PDI range
– 1.8 V nominal
– 2.5 V nominal
– 3.3 V nominal
•
Receiver
— Selectable hysteresis Input Buffer.
— CMOS Input Buffer
The electrical data provided in Section 3.18, PDI pads specifications,” applies to the pads listed in
Table 36.
3.18.1
PDI pads electrical specifications (VDD_HV_PDI = 3.3 V)
Table 36. PDI I/O pads
No.
Name
Volt.
Used For
Notes
1
PDI Fast
1.62 V-3.6 V
I/O
Enhanced operating voltage range fast slew-rate output with four selectable
slew-rates. Contains an input buffer and weak pullup/pulldown.
2PDI
Medium
1.62 V-3.6 V
I/O
Enhanced operating voltage range medium slew-rate output with four
selectable slew-rates. Contains an input buffer and weak pullup/pulldown.
Table 37. PDI pads DC electrical characteristics (VDD_HV_PDI = 3.3 V)
No.
Symbol
Parameter
Min
Max
Unit
1VDD_HV_PDI SR I/O supply voltage
3.0
3.6
V
2VIH_C
CC CMOS input buffer high voltage
(hysteresis enabled)
0.65 × VDD_HV_PDI VDD_HV_PDI +0.3
V
3VIH_C
CC CMOS input buffer high voltage
(hysteresis disabled)
0.51 × VDD_HV_PDI VDD_HV_PDI +0.3
V
4VIL_C
CC CMOS input buffer low voltage
(hysteresis enabled)
VSS – 0.3
0.35 × VDD_HV_PDI
V
5VIL_C
CC CMOS input buffer low voltage
(hysteresis disabled)
VSS – 0.3
0.42 × VDD_HV_PDI
V
6VHYS_C
CC CMOS input buffer hysteresis
0.1 × VDD_HV_PDI
V
7IACT_S
CC Selectable weak pullup/pulldown current3
25
150
µA
9VOH
CC Output high voltage
0.8 × VDD_HV_PDI
—V
10
VOL
CC Output low voltage
—0.2 × VDD_HV_PDI
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com