Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W78C58F-16 Datasheet(PDF) 1 Page - Winbond

Part # W78C58F-16
Description  8-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58F-16 Datasheet(HTML) 1 Page - Winbond

  W78C58F-16 Datasheet HTML 1Page - Winbond W78C58F-16 Datasheet HTML 2Page - Winbond W78C58F-16 Datasheet HTML 3Page - Winbond W78C58F-16 Datasheet HTML 4Page - Winbond W78C58F-16 Datasheet HTML 5Page - Winbond W78C58F-16 Datasheet HTML 6Page - Winbond W78C58F-16 Datasheet HTML 7Page - Winbond W78C58F-16 Datasheet HTML 8Page - Winbond W78C58F-16 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
W78C58
8-BIT MICROCONTROLLER
Publication Release Date: December 1997
- 1 -
Revision A5
GENERAL DESCRIPTION
The W78C58 is a derivative of the W78C52 microcontroller family that provides extended internal
ROM. The chip has 32K bytes of mask ROM and 256 bytes of RAM.
This device provides an enhanced architecture that makes it more powerful and suitable for a variety
of applications for general control systems. It provides on-chip 32KB mask ROM to accommodate
large program codes, 256-bytes of non-volatile on-chip RAM, four 8-bit I/O ports, one 4-bit I/O port,
three 16-bit timer/counters, eight sources with two-level interrupt structures, and on-chip oscillator
clock circuits.
FEATURES
• DC to 40 MHz extensive operating frequency
• 256-byte on-chip scratch pad RAM
• 32K-byte on-chip mask ROM
• 64K-byte address space for external Program Memory
• 64K-byte address space for external Data Memory
• Three 16-bit timer/counters
• Four 8-bit bit-addressable I/O ports
• One extra 4-bit bit-addressable I/O port, additonal INT2 / INT3
(Available on 44-pin PLCC/QFP package)
• Eight-source, two priority-level interrupts
• Low EMI emission mode
• Built-in programmable power-saving modes - Idle mode & Power-down mode
• Packages:
− DIP 40: W78C58-16/24/40
− PLCC 44: W78C58P-16/24/40
− QFP 44: W78C58F-16/24/40
− TQFP 44: W78C58M-16/24/40


Similar Part No. - W78C58F-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
More results

Similar Description - W78C58F-16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com