Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W78C58F-16 Datasheet(PDF) 3 Page - Winbond

Part # W78C58F-16
Description  8-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58F-16 Datasheet(HTML) 3 Page - Winbond

  W78C58F-16 Datasheet HTML 1Page - Winbond W78C58F-16 Datasheet HTML 2Page - Winbond W78C58F-16 Datasheet HTML 3Page - Winbond W78C58F-16 Datasheet HTML 4Page - Winbond W78C58F-16 Datasheet HTML 5Page - Winbond W78C58F-16 Datasheet HTML 6Page - Winbond W78C58F-16 Datasheet HTML 7Page - Winbond W78C58F-16 Datasheet HTML 8Page - Winbond W78C58F-16 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
W78C58
Publication Release Date: December 1997
- 3 -
Revision A5
PIN DESCRIPTION
SYMBOL
TYPE
DESCRIPTIONS
EA
I
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out
of external ROM. The ROM address and data will not be present on the bus if
the EA pin is high and the program counter is within the 32 KB area.
Otherwise they will be present on the bus.
PSEN
O H
PROGRAM STORE ENABLE: PSEN enables the external ROM data in the
Port 0 address/data bus.
When internal ROM access is performed, no PSEN strobe signal outputs
originate from this pin.
ALE
O H
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that
separates the address from the data on Port 0. ALE runs at 1/6th of the
oscillator frequency. An ALE pulse is omitted during external data memory
accesses.
RST
I L
RESET: A high on this pin for two machine cycles while the oscillator is
running resets the device.
XTAL1
I
CRYSTAL 1: This is the crystal oscillator input. This pin may be driven by an
external clock.
XTAL2
O
CRYSTAL 2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
I
GROUND: Ground potential.
VDD
I
POWER SUPPLY: Supply voltage for operation.
P0.0
−P0.7
I/O D
PORT 0: Function is the same as that of the standard 8052.
P1.0
−P1.7
I/O H
PORT 1: Function is the same as that of the standard 8052.
P2.0
−P2.7
I/O H
PORT 2: Function is the same as that of the standard 8052.
P3.0
−P3.7
I/O H
PORT 3: Function is the same as that of the standard 8052.
P4.0
−P4.3
I/O H
PORT 4: A 4-bit bi-directional parallel port and bit-addressable with internal
pull-ups. Pin P4.3 and P4.2 have alternative function as external interrupt
(INT2/INT3) source input.
INT2 (P4.3)
I H
External interrupt 2: An extra interrupt input source. It cascades to pin P4.3
internally.
INT3 (P4.2)
I H
External interrupt 3: An extra interrupt input source. It cascades to pin P4.2
internally.
* Note :
TYPE I: input, O: output, I/O: bi-directional, H: pull-high, L: pull-low, D: open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com