Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPMA1003AT5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPMA1003AT5
Description  Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMA1003AT5 Datasheet(HTML) 2 Page - Vishay Siliconix

  MPMA1003AT5 Datasheet HTML 1Page - Vishay Siliconix MPMA1003AT5 Datasheet HTML 2Page - Vishay Siliconix MPMA1003AT5 Datasheet HTML 3Page - Vishay Siliconix MPMA1003AT5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPMA (Divider)
www.vishay.com
Vishay Thin Film
Revision: 03-Dec-12
2
Document Number: 60113
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.031
0.040
0.79
1.02
A1
0.001
0.004
0.02
0.10
B
0.105
0.120
2.67
3.05
S
0.071
0.079
1.80
2.00
W
0.015
0.021
0.38
0.54
L
0.083
0.098
2.10
2.50
H
0.047
0.055
1.20
1.40
T
0.005
0.010
0.13
0.25
J
0.0035
0.0059
0.089
0.15
K
0.017
0.022
0.44
0.55
Ø0
8°
0
8°
H L
W
K
S
B
A
A1
T
J
Ø
Pin #
1
2
3
MECHANICAL SPECIFICATIONS
Resistive Element
Tantalum nitride
Substrate Material
Ceramic
Body
Molded epoxy
Terminals
Copper alloy
Lead (Pb)-free Option
Solder free leads,
Ni/Pd/Au plated
DERATING CURVE
Ambient Temperature °C
0
70
125
155
0
20
40
60
80
100
100 % = 0.2 W
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
CONDITIONS
SUGGESTED
PRODUCT
LIMITS
ABS/RATIO
MAX. VALUES
ABS/RATIO
Resistance Temperature
Characteristics
- 55 °C to + 125 °C
25/2
15/2
High Temperature Exposure
MIL-STD-202, 108, 1000 h at 125 °C
± 0.25 %/± 0.1 %
± 0.4 %/± 0.34 %
Temperature Cycling
JESD22, JA-104, 1000 cycles at - 55 °C to + 125 °C
± 0.25 %/± 0.1 %
± 0.1%/± 0.027 %
Moisture Resistance
MIL-STD-202, 106
± 0.25 %/± 0.1 %
± 0.03 %/± 0.012 %
Biased Humidity
MIL-STD-202, 103, 1000 h at 85 °C, 85 % RH, 10 % P
± 1.0 %/± 0.5 %
± 0.4 %/± 0.34 %
Life
MIL-STD-202, 108 at 125 °C, 1000 h
± 0.5 %/± 0.1 %
± 0.3 %/± 0.08 %
Mechanical Shock
MIL-STD-202, 213, condition C
± 0.25 %/± 0.1 %
± 0.03 %/± 0.018 %
Vibration
MIL-STD-204, 10 Hz to 2 kHz
± 0.25 %/± 0.1 %
± 0.02 %/± 0.047 %
Resistance to Soldering Heat
MIL-STD-202, 210, condition B
± 0.25 %/± 0.1 %
± 0.13 %/± 0.24 %
Electrostatic Discharge
AEC-Q200-002 at 500 V human body
0.50 %
± 0.25 %/± 0.01 %
AEC-Q200-002 at 1000 V human body
0.50 %
Solderability
J-STD-002 method B and B1
Visual
Visual
Terminal Strength
AEC-Q200-006 at 1 kg for 60 s
± 0.25 %/± 0.1 %
± 0.02 %/± 0.018 %
Flame Retardance
AEC-Q200-001 PAra 4.0
Visual
Visual



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com