Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPMA1003AT5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MPMA1003AT5
Description  Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMA1003AT5 Datasheet(HTML) 3 Page - Vishay Siliconix

  MPMA1003AT5 Datasheet HTML 1Page - Vishay Siliconix MPMA1003AT5 Datasheet HTML 2Page - Vishay Siliconix MPMA1003AT5 Datasheet HTML 3Page - Vishay Siliconix MPMA1003AT5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPMA (Divider)
www.vishay.com
Vishay Thin Film
Revision: 03-Dec-12
3
Document Number: 60113
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPMA1003AWS
GLOBAL MODEL
(3 or 4 digits)
RESISTANCE
(4 or 8 digits)
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPMA
Ni/Pd/Au = e4
termination
First 3 digits are significant figures
and the last digit specifies the
number of zeros to follow. When
like values are required use total
resistance. When dual values are
required list both values.
Example:
(List R1 first in part number with dual
values)
1002 = 10K (5K/5K)
1003 = 100K (50K/50K)
10011002 = 1K/10K divider
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
TAPE AND REEL
T1 = 1000 min., 1000 mult (1)
T5 = 500 min., 500 mult
TF = Full reel 4000
TP = 100 min., 1 mult
(package unit single lot date
code)
TS = 100 min., 1 mult
P
M
1001
M
01
T
A
5
0A
1
P
M
100
M
T
A
3
A1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com