Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # USG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  USG Datasheet HTML 1Page - RUBYCON CORPORATION USG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USG
SERIES
USG
◆SPECIFICATIONS
◆PART NUMBER
Items
Characteristics
−40∼+85℃
160∼250V.DC
−25∼+85℃
400∼450V.DC
±20%
(20℃,
120Hz)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
Z
(−25℃)
/Z
(20℃)
160∼250
4
400
8
420∼450
12
Z
(−40℃)
/Z
(20℃)
12
−
−
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
85℃ Miniaturized, Snap-in Terminal Type
◆FEATURES
・Load Life : 85℃ 3000 hours.
・Smaller size than USC series.
・RoHS compliance.
0.2
(20℃,
120Hz)
(120Hz)
After applying rated voltage with rated ripple current for 3000 hours at 85℃,
the capacitors shall meet the following requirements.
□□□
Rated Voltage
USG
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
I=3 CV (After 5 minutes application of rated voltage)
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE(PET)
VENT
※For φ35, 3.5±0.5
●SN[4(3.5)mm]terminal type
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60(50)
120
500
1k
10k≦
0.80
1.00
1.20
1.30
1.50
0.80
160∼250WV
400∼450WV
1.00
1.20
1.25
1.40
 Frequency Coefficient
◆OPTION
EFC
Code
PET Sleeve without plate
UPGRADE
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)


Similar Part No. - USG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
USG RUBYCON-USG Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Unisonic Technologies
USG085R035H-T UTC-USG085R035H-T Datasheet
256Kb / 5P
100A, 85V N-CHANNEL POWER
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
USG1105-50.0M CADDOCK-USG1105-50.0M Datasheet
613Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
More results

Similar Description - USG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com