Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3801 Datasheet(PDF) 1 Page - ams AG

Part # AS3801
Description  CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3801 Datasheet(HTML) 1 Page - ams AG

  AS3801 Datasheet HTML 1Page - ams AG AS3801 Datasheet HTML 2Page - ams AG AS3801 Datasheet HTML 3Page - ams AG AS3801 Datasheet HTML 4Page - ams AG AS3801 Datasheet HTML 5Page - ams AG AS3801 Datasheet HTML 6Page - ams AG AS3801 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Data Sheet
AS3801
Rev. C
1/7
Nov. 98
CDMA/FM TRANSMIT AGC
AMPLIFIER AS3801
Key Features
r
Supports dual mode operation.
r
-45dB to +40db gain control guaranteed.
r
High OIP3 of 15dBm @ max. gain @ -51dBm
input power.
r
Single 3.6V supply.
r
Temperature and supply stabilized.
r
Power down feature.
r
100MHz to 300MHz operation.
r
Silicon BiCMOS process.
r
Miniature surface mount 16 pin, 150 mil SSOP
package.
Compatibility
The AS3801 is designed to be functionally or/and
pin compatible to the following products:
r
RF9909
(RF Micro Devices),
pin compat.
r
Q5505
(Qualcomm),
pin compat.
r
CXA3002N
(Sony)
General Description
The AS3801 is a gain controlled amplifier designed
for the transmit section of dual mode CDMA/FDM,
TDMA/FDM or FM/FDM cellular phones.
Key specifications like gain range, noise figure, IP3,
temperature range and other specifications are
designed to be in line with the IS-95 standard for
CDMA cellular communications.
The
circuit
is
designed
for
narrow
band
IF
applications but can also be used in wideband
applications.
Applications
r
Digital
cellular
systems
with
transmission
methods: CDMA/FDM, TDMA/FDM, FM/FDM
and TDMA/TDD.
r
Examples: IS-95 CDMA, IS-54 DAMPS, AMPS,
PWT.
r
Cordless phones analog / digital.
r
General purpose linear IF amp’s.
r
WLL / WLAN.
SSOP-16
CDMA+
CDMA-
GND
GND
GND
GND
GND
PWD
OUT-
OUT+
GND
GND
VCC
VCC
VCC
VCTRL
This document contains information on products under development. Austria Mikro Systeme Intl. AG reserves
the right to change or discontinue this product without notice
.
Austria Mikro Systeme International AG


Similar Part No. - AS3801

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results

Similar Description - AS3801

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com