Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3801 Datasheet(PDF) 6 Page - ams AG

Part # AS3801
Description  CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3801 Datasheet(HTML) 6 Page - ams AG

  AS3801 Datasheet HTML 1Page - ams AG AS3801 Datasheet HTML 2Page - ams AG AS3801 Datasheet HTML 3Page - ams AG AS3801 Datasheet HTML 4Page - ams AG AS3801 Datasheet HTML 5Page - ams AG AS3801 Datasheet HTML 6Page - ams AG AS3801 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Data Sheet
AS3801
Rev. C
3/7
Nov. 98
Compression Behaviour
24
25
26
27
28
29
30
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Pin [dBm]
-60
-50
-40
-30
-20
-10
0
Gain, Tx
Pout, TX
-1 dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com