Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONFIG0 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # CONFIG0
Description  The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CONFIG0 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  CONFIG0 Datasheet HTML 1Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 2Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 3Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 4Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 5Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 6Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 7Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 8Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright © 2012 Future Technology Devices International Limited
5
DS_UMFT311EV
USB ANDROID HOST MODULE Datasheet
Version 1.0
Document No.: FT_000689 Clearance No.: FTDI# 303
3 Function Description
The FT311D Development Module is intended for use as a hardware platform to enable easy evaluation of
FTDI’s FT311D Android Open Accessory USB Host controller. The FT311D Development Module includes
all the necessary components required by a user to begin developing Android Open Accessory
applications based on the FT311D device. The FT311D Development Module behaves like a bridge
between an Android device and the various I/O available. Selection of various modes is performed using
CONFIG[2:0] pins as shown in the Table 4.2.
3.1 Key Features
Easy to use Android Open Accessory Module translating the USB Device port of the android tablet into
any one of the six selectable interfaces like GPIO, UART, PWM, I2C Master, SPI Slave or SPI Master.
Selection of interface mode using jumpers JP1, JP2 and JP3
USB Type-A connector CN1 for connecting to Android USB slave peripherals.
IO port connectors CON1 / J3 and J4 used for the interface signals based on the
selected interface mode.
3.2 Functional Block Descriptions
The following paragraphs describe each function within the FT311D Development Module. Please refer to
the block diagram shown in Error! Reference source not found.Error! Reference source not found.Error!
Reference source not found..
Interface Mode Selection
Interface Mode selection is done using CONFIG[2:0] pins. Refer to chapter 4 for the details.
USB Host
USB Host port at CN1 is used for connecting the Android Open Accessory device. The USB host port does
not support other USB device classes.
Interface Signals
The interface signals at CON1 are based on the mode selected by the Interface Mode Selection.
Programming Port
The Programming Port at J7 is used for re-programming the FT311D device with new ROM file.
(NOTE: This is unlikely to be required as the module is delivered ready to use).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com