Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONFIG0 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # CONFIG0
Description  The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CONFIG0 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button CONFIG0 Datasheet HTML 4Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 5Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 6Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 7Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 8Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 9Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 10Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 11Page - Future Technology Devices International Ltd. CONFIG0 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright © 2012 Future Technology Devices International Limited
8
DS_UMFT311EV
USB ANDROID HOST MODULE Datasheet
Version 1.0
Document No.: FT_000689 Clearance No.: FTDI# 303
GPIO(3)
CON1 -7
J3-6
26
IO
GPIO data bit 3, bidirectional
GPIO(4)
CON1 -6
J3-7
29
IO
GPIO data bit 4, bidirectional
GPIO(5)
CON1 -5
J3-8
30
IO
GPIO data bit 5, bidirectional
GPIO(6)
CON1 -4
J4-1
31
IO
GPIO data bit 6, bidirectional
Table 4.3 : GPIO mode
4.1.2 UART Mode
In the UART mode the UART signals are available at the connector CON1 and J3 as shown in the table 4.4
below.
Signal Name
Connector
CON1
Connector
J3
FT311D pin
Number
I/O
Type
Description
UART_TXD
CON1 -10
J3-3
23
Output
Transmit data
UART_RXD
CON1 -9
J3-4
24
Input
Receive data
UART_RTS#
CON1 -8
J3-5
25
Output
Request to Send Control Output /
Handshake signal.
UART_CTS#
CON1 -7
J3-6
26
Input
Clear to Send Input / Handshake
signal.
UART_TX_ACTIVE CON1 -6
J3-7
29
Output
Enable transmit data for RS485
designs
Table 4.4 : UART mode
Note: # - Denotes active low signal
4.1.3 PWM Mode
In the PWM mode the PWM signals are available at the connector CON1 and J3 as shown in the table 4.5
below.
Signal
Name
Connector
CON1
Connector
J3
FT311D pin
Number
I/O
Type
Description
PWM(0)
CON1 -10
J3-3
23
Output
PWM channel 0
PWM(1)
CON1 -9
J3-4
24
Output
PWM channel 1
PWM(2)
CON1 -8
J3-5
25
Output
PWM channel 2
PWM(3)
CON1 -7
J3-6
26
Output
PWM channel 3
Table 4.5 : PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com