Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS657LSHTN-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS657LSHTN-T
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657LSHTN-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS657LSHTN-T Datasheet HTML 1Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 2Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 3Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 4Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Tooth
Valley
Definition of Terms for Input Characteristics
VPROC(BOP)
VPROC(BRP)
VSP
[BOP]
[BRP]
VPROC(pk-pk)
TVPROC
VPROC = the processed analog signal of the sinusoidal magnetic input (per channel)
Ttooth = period of 2 successive sensed target edges
VSP
TTOOTH
VSP(sep) =
VSP
VPROC(pk-pk)
OPERATING CHARACTERISTICS: Input Characteristics Valid over operating temperature range and using Reference
Target 60-0, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operating Input Range1
BDIFF
Differential magnetic signal; correct direction
output on 6th edge
60
–
1200
Gpk-pk
Maximum Operation Air Gap1
AGmax
Correct direction output on 6th edge
–
–
2.2
mm
Vibration Immunity (Startup)
ErrVIB(SU)
Allowed rotation detected due to vibration;
TTOOTH = period between 2 successive sensed
edges, sinusoidal signal;
ΔTA<10°C; BDIFF(AG)=0
TTOOTH
––
–
Vibration Immunity (Running mode)2
ErrVIB
Allowed rotation detected due to vibration;
TTOOTH = period between 2 successive sensed
edges, sinusoidal signal;
ΔTA<10°C; BDIFF(AG)=0
TTOOTH
× 0.5
––
–
Maximum Sudden Air Gap Change
Induced Signal Reduction3,4
ΔBDIFF(AG)
Differential magnetic signal reduction due to
instantaneous air gap change; symmetrical
signal reduction, target frequency < 500 Hz
–
–
40
%pk-pk
Axial / Radial Runout / Wobble Induced
Signal Reduction5,6
ΔBDIFF(RO)
Differential magnetic signal reduction due to
instantaneous runout per edge; symmetrical
signal reduction, multiple edges
––
5
%pk-pk
Relative Repeatability7
TθE
Differential magnetic signal, BDIFF = 100 Gpk-pk,
ideal sinusoidal signal, TA = 150°C, Reference
Target rotational speed = 1000 rpm (f = 1000 Hz)
–
0.12
–
deg.
Switchpoint Separation
VSP(sep)
Minimum separation between channels as
a percentage of VPROC amplitude at each
switchpoint (see figure below)
20
–
–
%
1Under certain extreme conditions, especially for smaller differential magnetic signals, the device may require more than 6 edges to output correct
direction on startup. Please contact the Allegro factory for assistance when using this device.
2Small amplitude vibration while in Running mode may result in one additional direction pulse, prior to non-direction pulse. See section Running Small
Amplitude Vibration Detection for details.
3If the minimum VSP(sep) is not maintained after a sudden air gap change, output may be blanked or non-direction pulses may occur.
4Sudden air gap change during startup may increase the quantity of edges required to get correct direction pulses.
5If the minimum VSP(sep) is not maintained, output may be blanked or non-direction pulses may occur.
6Minimum VPROC(pk-pk) signal of 200 mV and minimum VSP(sep) must be maintained
7The repeatability specification is based on statistical evaluation of a sample population, evaluated at 1000 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com