| Electronic Components Datasheet Search |
|
ATS657LSHTN-T Datasheet(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS657LSHTN-T Datasheet(HTML) 10 Page - Allegro MicroSystems |
|
10 / 15 page ![]() Dynamic, Self-Calibrating, Threshold-Detecting, Differential Speed and Direction Hall-Effect Gear Tooth Sensor IC ATS657 10 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com During normal running mode, vibration can interfere with the direction detection functions. In that case, during the vibration the device may continue to output speed data with non-directional pulses. If the vibration that occurs has a large enough amplitude such that the peaks of the VPROC signals continue to pass through both switchpoints, non-direction pulses will be outputted during the vibration, as shown in figure 5. If the vibration has a low enough amplitude such that its posi- tive peak is less than VPROC(BOP), no pulses are outputted and no switchpoint updating occurs until the vibration becomes large enough that VPROC exceeds VPROC(BOP) . If its negative peak is greater than VPROC(BRP), then there is no output or update until VPROC falls below VPROC(BRP) .As shown in figure 6, when that does occur, a single direction pulse may be outputted, however, regardless of whether or not that single pulse occurs, non-direction pulses are outputted throughout the remainder of the vibration. Figure 6. Small amplitude vibration during Running mode operation Figure 5. Large amplitude vibration during Running mode operation Operation During Running Mode Vibration +V Switchpoint Hysteresis tw(FWD) or tw(REV) tw(ND) +t +t Normal Rotation Vibration } VPROC(BOP) VPROC(BRP) +I +V Switchpoint Hysteresis tw(FWD) or tw(REV) tw(FWD) or tw(REV) tw(ND) +t +t Normal Rotation Vibration } VPROC > VPROC(BOP) VPROC(BOP) VPROC(BRP) +I |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |