Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD623 Datasheet(PDF) 8 Page - Analog Devices

Part # AD623
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices AD623 Datasheet HTML 10Page - Analog Devices AD623 Datasheet HTML 11Page - Analog Devices AD623 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD623
–8–
REV. C
COMMON MODE INPUT – Volts
5
–5
–6
–5
4
3
0
2
VS = 5
VS = 2.5
–4
–3
–2
–1
0
1
2
3
4
5
–4
–3
–2
–1
1
Figure 20. Maximum Output Voltage vs. Common Mode,
G
≥ 10, R
L = 100 kΩ
COMMON MODE INPUT – Volts
5
4
0
–1
5
0
1234
3
2
1
Figure 21. Maximum Output Voltage vs. Common Mode,
G = 1, VS = +5 V, RL = 100 kΩ
COMMON MODE INPUT – Volts
5
4
0
–1
5
0
1234
3
2
1
Figure 22. Maximum Output Voltage vs. Common Mode,
G
≥ 10, V
S = +5 V, RL = 100 kΩ
120
100
40
20
0
1
10
100
1k
10k
100k
FREQUENCY – Hz
60
140
80
G = 1000
G = 100
G = 10
G = 1
Figure 23. Positive PSRR vs. Frequency,
±5 V
S
120
100
40
20
0
1
10
100
1k
10k
100k
FREQUENCY – Hz
60
140
80
G = 1000
G = 100
G = 10
G = 1
Figure 24. Positive PSRR vs. Frequency, +5 VS, 0 VS
120
100
40
20
0
1
10
100
1k
10k
100k
FREQUENCY – Hz
60
140
80
G = 1000
G = 100
G = 10
G = 1
Figure 25. Negative PSRR vs. Frequency,
±5 V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com