Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD623 Datasheet(PDF) 4 Page - Analog Devices

Part # AD623
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 4 Page - Analog Devices

  AD623 Datasheet HTML 1Page - Analog Devices AD623 Datasheet HTML 2Page - Analog Devices AD623 Datasheet HTML 3Page - Analog Devices AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
REV. C
AD623–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 650 mW
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
(N, R, RM) . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
(A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 volts, which
readily accumulate on the human body and on test equipment, can discharge without detection.
Although the AD623 features proprietary ESD protection circuitry, permanent damage may still
occur on these devices if they are subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid any performance degradation or loss of functionality.
BOTH DUAL AND SINGLE SUPPLIES
Model
AD623A
AD623ARM
AD623B
Specification
Conditions
Min
Typ
Max
Min
Typ
Max
Min Typ
Max
Units
NOISE
Voltage Noise, 1 kHz
Total RTI Noise =
e
ni
2
+ e
no
/G
2
Input, Voltage Noise, eni
35
35
35
nV/
√Hz
Output, Voltage Noise, eno
50
50
50
nV/
√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
3.0
3.0
3.0
µV p-p
G = 1000
1.5
1.5
1.5
µV p-p
Current Noise
f = 1 kHz
100
100
100
fA/
√Hz
0.1 Hz to 10 Hz
1.5
1.5
1.5
pA p-p
REFERENCE INPUT
RIN
100
± 20%
100
± 20%
100
± 20%
k
Ω
IIN
VIN+, VREF = 0
+50
+60
+50
+60
+50
+60
µA
Voltage Range
–VS
+VS
–VS
+VS
–VS
+VS
V
Gain to Output
1
± 0.0002
1
± 0.0002
1
± 0.0002
V
POWER SUPPLY
Operating Range
Dual Supply
± 2.5
± 6
± 2.5
± 6
± 2.5
± 6V
Single Supply
+2.7
+12
+2.7
+12
+2.7
+12
V
Quiescent Current
Dual Supply
375
550
375
550
375
550
µA
Single Supply
305
480
305
480
305
480
µA
Over Temperature
625
625
625
µA
TEMPERATURE RANGE
For Specified Performance
–40 to +85
–40 to +85
–40 to +85
°C
NOTES
1Does not include effects of external resistor R
G.
2One input grounded. G = 1.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Brand
Model
Range
Description
Option
Code
AD623AN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD623AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD623ARM
–40
°C to +85°C
8-Lead
µSOIC
RM-8
J0A
AD623AR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD623AR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
AD623ARM-REEL
–40
°C to +85°C
13" Tape and Reel
RM-8
J0A
AD623ARM-REEL7
–40
°C to +85°C
7" Tape and Reel
RM-8
J0A
AD623BN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD623BR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD623BR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD623BR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
Lead Temperature Range
(Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP Package:
θJA = 95°C/W
8-Lead SOIC Package:
θJA = 155°C/W
8-Lead
µSOIC Package: θ
JA = 200
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com