| Electronic Components Datasheet Search |
|
Wi.232FHSS-25-FCC-R Datasheet(PDF) 35 Page - Radiometrix Ltd |
|
|
|||||||||||||||||||||||||||||
Wi.232FHSS-25-FCC-R Datasheet(HTML) 35 Page - Radiometrix Ltd |
|
35 / 67 page ![]() WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET 34 Revision 1.1.0 4. Module Configuration The Wi.232FHSS modules will work right “out of the box” without any configuration. However, a great many configuration registers are exposed to allow for the custom-tailoring of the wireless link. These registers are classified as four different types: non-volatile R/W, non-volatile R/O, volatile R/W, and volatile R/O. During the power-on/reset sequence, the non-volatile read/write registers are copied into the volatile read/write registers. This allows the integrator to determine a default configuration for the wireless link that can be preset at the factory, requiring no intervention by the host processor. During operation, changes to the volatile read/write registers have an immediate effect on the Wi.232FHSS parameters. Non-volatile read-only registers provide a way for the host application to retrieve information about the module hardware, firmware, and hard-coded configuration parameters such as the MyGUID address. 4.1. Register Descriptions 4.1.1. CRC Error Count (regCRCERRCOUNT) regCRCERRCOUNT (0x40) R/W R/W R/W R/W R/W R/W R/W R/W B7 B6 B5 B4 B3 B2 B1 B0 7 6 5 4 3 2 1 0 The value in this register is augmented each time a packet is received that fails CRC check. Writing 0x00 to this register will initialize the count. 4.1.2. Channel Hop Table (regHOPTABLE) regNVHOPTABLE (0x00) regHOPTABLE (0x4B) R/W R/W R/W R/W R/W R/W R/W R/W RES D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default hop sequence: 0 The Wi.232FHSS supports 6 different hop sequences with minimal correlation. Changing the hop sequence changes the physical band utilization, much the same way that a channel does in a static transmitter. Valid values are 0-5. Chapter 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |