Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Wi.232FHSS-25-FCC-R Datasheet(PDF) 50 Page - Radiometrix Ltd

Part # Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-25-FCC-R Datasheet(HTML) 50 Page - Radiometrix Ltd

Back Button Wi.232FHSS-25-FCC-R Datasheet HTML 46Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 47Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 48Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 49Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 50Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 51Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 52Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 53Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 54Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
49
Revision 1.1.0
Auto Address
Mode
Meaning
Action
0x00
Auto Address Mode disabled
Destination Registers not populated
0x04
MAC Auto Address Mode
Auto-populates MAC Address Destination Register Only
0x06
User Auto Address Mode
Auto-populates User Address Destination Register
0x07
Extended User Auto Address Mode
Auto-populates User Address Destination Register
0x0F
Any Auto Address Mode
Auto-populates MAC Address Destination Register
0x01-0x03,
0x05, 0x08-
0x0E
Undefined
Undefined
Tables 19, AutoAddress Register Settings
4.1.35. My GUID[3] (regMYGUID[3])
regMYGUID[3] (0x34)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default My GUID[3]: 0xFF
This is the most significant byte of the 32-bit factory-programmed, read-only MAC/GUID address. The
complete MyGUID address is unique amongst Wi.232 modules. The MyGUID[3-0] unique address is used
by all packet types as a unique origination address. This register is used in conjunction with My GUID[2-0]
registers to make up the module’s 32-bit source GUID. For more information on the operation of
addressing modes, please refer to the Addressing Modes section of this document.
4.1.36. My GUID[2] (regMYGUID[2])
regMYGUID[2] (0x35)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default My GUID[2]: 0xFF
This is byte 2 of the 32-bit factory-programmed, read-only MAC/GUID address. The complete MyGUID
address is unique amongst Wi.232 modules. The MyGUID[3-0] unique address is used by all packet types
as a unique origination address. This register is used in conjunction with My GUID[3] and My GUID[1-0]
registers to make up the module’s 32-bit source GUID. For more information on the operation of
addressing modes, please refer to the Addressing Modes section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com